Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B110INT Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # B110INT
Description  International AC Adapter for Tripp Lite Video over Cat5 Extenders (European, UK, Australian Plugs)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

B110INT Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  B110INT Datasheet HTML 1Page - Tripp Lite. All Rights Reserved B110INT Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
International AC Adapter for Tripp Lite Video over
Cat5 Extenders (European, UK, Australian Plugs)
MODEL NUMBER: B110-INT
Description
Tripp Lites B110-INT allows our popular Video Over Cat5 devices to be used worldwide. Proprietary threaded connector attaches to the extender equipment,
and included International power adapters allow for UK, Europe, and Australian power connections.
Features
100-240V, 50/60Hz Adapter
Europe, UK, Australia Plugs included
Use with all Tripp Lite Video over Cat5 extenders
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
AC Adapter
100-240V, 50/60Hz
Model Type
VGA
Accessories Type
Adapter
PHYSICAL
Highlights
100-240V 50/60Hz Adapter
CEE 7/16 EUROPEAN PLUG,
BS1363 UK PLUG, AS3112
AUSTRALIAN PLUG Included
Package Includes
AC adapter with 4.5 ft cord
CEE 7/16 Schuko Plug
BS1363 UK Plug
AS3112 Australia Plug
1 / 2


Similar Part No. - B110INT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B110-DIN-01 TRIPPLITE-B110-DIN-01 Datasheet
174Kb / 2P
DIN Rail-Mounting Bracket for Digital Signage, Version 1 - 41 mm mounting distance
B110-DIN-02 TRIPPLITE-B110-DIN-02 Datasheet
163Kb / 2P
DIN Rail-Mounting Bracket for Digital Signage, Version 2 - 65 mm Mounting Distance
B110-SP-10G TRIPPLITE-B110-SP-10G Datasheet
45Kb / 4P
In-Line Network Surge Protector - 10 Gbps, Cat6a/8, Metal Case, IEC Compliant, TAA
B110-SP-CAT TRIPPLITE-B110-SP-CAT Datasheet
167Kb / 3P
In-Line Network Surge Protector for Digital Signage - HDBaseT/10G Cat5e/6, IEC Compliant, TAA
B110-SP-CAT-OD2 TRIPPLITE-B110-SP-CAT-OD2 Datasheet
168Kb / 4P
Outdoor In-Line PoE Surge Protector - IP68 Rated, 1 Gbps, Cat5e/6, IEC Compliant, 110 Punch Down, TAA
More results

Similar Description - B110INT

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
B1401P0 TRIPPLITE-B1401P0 Datasheet
479Kb / 2P
DVI over Cat5-Cat6 Passive Extender, Video Receiver, 1920x1080 at 60Hz
B140202 TRIPPLITE-B140202 Datasheet
499Kb / 2P
2x2 DVI over Cat5-Cat6 Matrix Splitter Switch, Video Transmitter
UAC1B TRIPPLITE-UAC1B Datasheet
516Kb / 2P
Keyspan-by-Tripp Lite USB Power Adapter
logo
Level One
AVE-9300 LVL1-AVE-9300 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9301 LVL1-AVE-9301 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9304 LVL1-AVE-9304 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9304A LVL1-AVE-9304A Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9308 LVL1-AVE-9308 Datasheet
1Mb / 4P
Audio/Video Extenders
AVE-9316 LVL1-AVE-9316 Datasheet
1Mb / 4P
Audio/Video Extenders
logo
Tripp Lite. All Rights ...
UAC-1B TRIPPLITE-UAC-1B Datasheet
514Kb / 2P
Keyspan-by-Tripp Lite USB Power Adapter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com