Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC50F Datasheet(PDF) 3 Page - International Rectifier

Part # G4PC50F
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, Vce(on)typ.=1.45V, @Vge=15V, Ic=39A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC50F Datasheet(HTML) 3 Page - International Rectifier

  G4PC50F Datasheet HTML 1Page - International Rectifier G4PC50F Datasheet HTML 2Page - International Rectifier G4PC50F Datasheet HTML 3Page - International Rectifier G4PC50F Datasheet HTML 4Page - International Rectifier G4PC50F Datasheet HTML 5Page - International Rectifier G4PC50F Datasheet HTML 6Page - International Rectifier G4PC50F Datasheet HTML 7Page - International Rectifier G4PC50F Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRG4PC50F
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=IRMS of fundamental; for triangular wave, I=IPK)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
0
20
40
60
80
100
0 . 1
1
10
100
f, F re q ue nc y (kH z )
A
60% of ra te d
v olta ge
Ideal diodes
S qua re w a ve :
For both:
D u ty cycle: 50 %
T
= 125 °C
T
= 9 0 °C
G a te d riv e as spe c ifie d
sin k
J
P ow er D issip ation = 40W
Triangular w a ve:
C lam p voltage:
80% of rate d
1
10
100
1000
0.1
1
1 0
CE
V
, C o lle c to r-to -E m itte r V o lta g e (V )
T = 1 5 0 °C
T = 2 5 °C
J
J
V
= 1 5 V
20 µ s PU LSE W ID T H
GE
A
1
10
100
1000
5
6
7
8
9
1 01 11 2
GE
T = 2 5°C
T = 1 50 °C
J
J
V
, G a te -to -E m itte r V o lta g e (V )
A
V
= 5 0 V
5µ s PU LSE W ID TH
CC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com