Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

G4PC50K Datasheet(PDF) 3 Page - International Rectifier

Part # G4PC50K
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V,Vce(on)typ.=1.84V, @Vge=15V, Ic=30A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

G4PC50K Datasheet(HTML) 3 Page - International Rectifier

  G4PC50K Datasheet HTML 1Page - International Rectifier G4PC50K Datasheet HTML 2Page - International Rectifier G4PC50K Datasheet HTML 3Page - International Rectifier G4PC50K Datasheet HTML 4Page - International Rectifier G4PC50K Datasheet HTML 5Page - International Rectifier G4PC50K Datasheet HTML 6Page - International Rectifier G4PC50K Datasheet HTML 7Page - International Rectifier G4PC50K Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
IRG4PC50K
www.irf.com
3
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = IRMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
1
10
100
1000
1
10
V
, Collector-to-Emitter Voltage (V)
CE
V
= 15V
20µs PULSE WIDTH
GE
T = 25 C
J
°
T = 150 C
J
°
1
10
100
1000
5
6
7
8
9
10
11
12
V
, Gate-to-Emitter Voltage (V)
GE
V
= 50V
5µs PULSE WIDTH
CC
T = 25 C
J
°
T = 150 C
J
°
0
10
20
30
40
50
60
70
0.1
1
1 0
1 0 0
f, Frequency (kHz)
A
60 % o f ra t e d
v o lt a g e
I
I deal di odes
Sq u a re wave :
F o r both:
D u ty cy cl e: 5 0%
T
= 1 25 °C
T
= 9 0°C
G ate drive as s p ecified
sin k
J
P o w e r D is s ip a t io n = 4 0 W
Tria ng ul a r w a v e :
C lam p v o lt a ge:
80 % o f ra te d



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com