Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZA035P Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # EZA035P
Description  Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 35-ft
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EZA035P Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  EZA035P Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EZA035P Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Easy Pull Long-Run Display Cable - Type-A Analog
Plenum Trunk Cable, 35-ft.
MODEL NUMBER: EZA-035-P
Description
Tripp Lite's EZA-035-P 35 ft. Easy Pull VGA Plenum Trunk Cable makes pulling video cable through conduit or
confined areas a breeze. Plenum-rated jacket complies with local fire codes. Threaded ends feature screw on
pull-caps, which can be attached to fish tape. Choose from a variety of connector choices that easily screw on to
the threaded ends of the trunk cable. Trunk cables are available in 35 ft., 50 ft. and 100 ft. lengths, both PVC and plenum rated. Cable ends are colored-coded
green to denote VGA applications (Digital trunk cables are Yellow). Cable features triple-shielded construction with 75 ohm coax conductors for RGBHV
signals supporting resolutions up to 1600 x 1200.Trunk also carries Audio signals when used with Easy Pull end kits that feature Audio connections.
Features
Eliminates the need to field terminate VGA connectors
Plenum-rated jacket to comply with local fire codes
Detachable, screw-on connectors
At a diameter of 7/8 in., it makes pulling long cables fast and easy
Protects entire cable from strain, dirt, debris and damage
Choose from a variety of connector combinations for the perfect fit
Available in 35 ft., 50 ft. and 100 ft. lengths, both PVC and plenum rated
Supports Video and Audio pass through depending on end kit used
Specifications
General Info
RoHS
Y
OVERVIEW
Highlights
Versatile trunk cable allows for a
variety of connection options
Plenum-rated jacket to comply
with local fire codes
At a diameter of 7/8 in., it easily
pulls through conduit or confined
spaces using the included end
cap with integrated pull tab
High quality RGB style VGA
cable supports resolutions up to
1600 x 1200, as well as Audio
pass through
Applications
Use where standard VGA cables
won't fit, such as conduit or
confined wall or ceiling spaces
Package Includes
Easy Pull Type-A VGA Analog
Plenum Trunk Cable, 35 ft.
1 / 2


Similar Part No. - EZA035P

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZA035 TRIPPLITE-EZA035 Datasheet
484Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 35-ft
More results

Similar Description - EZA035P

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZA035 TRIPPLITE-EZA035 Datasheet
484Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 35-ft
EZA050 TRIPPLITE-EZA050 Datasheet
484Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 50-ft
EZA100 TRIPPLITE-EZA100 Datasheet
484Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 100-ft
EZA100P TRIPPLITE-EZA100P Datasheet
484Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 100-ft
EZA050P TRIPPLITE-EZA050P Datasheet
484Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 50-ft
EZA-035 TRIPPLITE-EZA-035 Datasheet
158Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 35-ft.
EZA-035-P TRIPPLITE-EZA-035-P Datasheet
159Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 35-ft.
EZA-050 TRIPPLITE-EZA-050 Datasheet
159Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 50-ft.
EZA-100 TRIPPLITE-EZA-100 Datasheet
159Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog PVC Trunk Cable, 100-ft.
EZA-100-P TRIPPLITE-EZA-100-P Datasheet
159Kb / 2P
Easy Pull Long-Run Display Cable - Type-A Analog Plenum Trunk Cable, 100-ft.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com