Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3165 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3165
Description  Digital PFC and dual FOC MC integration
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3165 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3165 Datasheet HTML 17Page - STMicroelectronics AN3165 Datasheet HTML 18Page - STMicroelectronics AN3165 Datasheet HTML 19Page - STMicroelectronics AN3165 Datasheet HTML 20Page - STMicroelectronics AN3165 Datasheet HTML 21Page - STMicroelectronics AN3165 Datasheet HTML 22Page - STMicroelectronics AN3165 Datasheet HTML 23Page - STMicroelectronics AN3165 Datasheet HTML 24Page - STMicroelectronics AN3165 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 31 page
background image
AN3165
Integration principles and description
Doc ID 17180 Rev 1
21/31
Therefore, TIM5_TRGO has to be selected as the start trigger source for the injected
conversion of ADC3. TIM5_CC3 is mapped to TIM5_TRGO for internal purposes only.
In the integrated firmware, TIM5_CC3 therefore replaces the function of TIM8_CH4 in the
dual FOC MC part.
4.2.4
IRQ priorities
To set the IRQ priorities when the two parts are merged, it must be taken into account that
the execution time of the FOC routine lasts longer than that of the PFC routine. Therefore,
this last routine has to be able to interrupt the FOC routine.
As such, priority must be given to IRQs used for managing protection conditions or
synchronizations.
Table 5
shows the interrupts and their priorities for the integrated firmware, with 0 being the
highest priority.
4.3
Brief overview of firmware integration
In this application, the "STM32 dual FOC MC demonstration software" is intended as the
host firmware. The modules "pfc.c" and "pfc.h" of the "STM32 digital PFC" must be
integrated into the host firmware. Additionally, all the modifications described in the previous
sections must be added to the new code. To initialize the PFC, the following function has to
be added.
/* PFC Initialization */
PFC_INIT();
In particular, this function call has been added in the "main.c" file of the host firmware, and is
called after each initialization of the dual FOC MC.
Likewise, all modifications to the host firmware have been inserted inside control structures
characterized by the key word "PFC_ENABLE" defined in the module "pfc.h".
/* Global define ----*/
Table 5.
Used interrupts and their priorities for integrated firmware
Peripheral
IRQ use
Pre-emption
priority
Sub priority
EXTI/Line1
Overcurrent protection
0
0
TIM1 BRK
Emergency condition for main motor
0
0
TIM8 BRK
Emergency condition for sub motor
0
0
TIM1 UP
Synchronization for managing main motor
0
0
TIM8 UP
Synchronization for managing sub motor
0
0
DMA1_CH1
PFC routine
1
0
TIM4
Manages bus voltages for MC
2
0
ADC1/2
Optionally manages brake resistor
2
0
ADC3
FOC implementation for both main and sub motor
2
0
SYSTICK
Timer for delays
4
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com