Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3222 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3222
Description  Demonstration board user guidelines
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3222 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3222 Datasheet HTML 9Page - STMicroelectronics AN3222 Datasheet HTML 10Page - STMicroelectronics AN3222 Datasheet HTML 11Page - STMicroelectronics AN3222 Datasheet HTML 12Page - STMicroelectronics AN3222 Datasheet HTML 13Page - STMicroelectronics AN3222 Datasheet HTML 14Page - STMicroelectronics AN3222 Datasheet HTML 15Page - STMicroelectronics AN3222 Datasheet HTML 16Page - STMicroelectronics AN3222 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN3222
Frequency behavior
Doc ID 17551 Rev 1
13/18
6
Frequency behavior
This chapter provides different AC cases permitting the filtering of the measurements.
To sense in a large bandwidth, the gain of the application must not exceed the capability of
the amplifier. If the gain is too big, you will be limited by the gain-bandwidth product or by the
amplifier’s slew rate. As such, for test purposes, we have selected the same conditions as in
Case 4 (Figure 9).
Rshunt = 100 m
Ω Rg = 100 Ω and Rf = 4.75 kΩ
The two first cases deal with the filtering of the measurement for a current source which
should be constant. The easiest way to achieve it is to add the capacitor named Cf in
Figure 2.
In Figure 11 and Figure 12, you can see that the period of oscillations is T = 300 µs, so the
frequency equals 3.33 kHz.
The following equation demonstrates how to select the value of Cf to filter the oscillations.
Equation 8
To efficiently cut this frequency, you have to cut one decade earlier, so you have to set Cf to
100 nF.
On the left part of Figure 11, the measurement has been performed without the capacitor,
and on the right part a capacitor of 100nF has been added. A current of about 1 A is applied.
You can see that the signal is correctly filtered by the capacitor.
Figure 12 shows another example with a lower Isense.
F
1
2
π Rf Cf
⋅⋅
---------------------------------- so Cf
1
2
π FRf
⋅⋅
-------------------------------
1
2
π 3330 4750
⋅⋅
------------------------------------------------
10 nF
==
=
=
Figure 11.
Filtering: first example
without capacitor
with capacitor: Cf = 100 nf
Vout and Isense vs Time
0
1
2
3
4
5
6
0.0E+00
2.0E-04
4.0E-04
6.0E-04
8.0E-04
Time (s)
0
0.3
0.6
0.9
1.2
1.5
1.8
Vout_th
Isense
Vout and Isense vs Time
0
1
2
3
4
5
6
0.0E +00
2.0E -04
4.0E-04
6.0E-04
8.0E-04
Time (s)
0
0.3
0.6
0.9
1.2
1.5
1.8
Vout
Isense



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com