Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2978 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 2978
Description  150 MHz Lowpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

2978 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  2978 Datasheet HTML 1Page - KR Electronics, Inc. 2978 Datasheet HTML 2Page - KR Electronics, Inc. 2978 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
2978, Rev 0, March 24, 2010
KR Electronics
KR Electronics part number 2978 is a 150 MHz elliptic type
lowpass filter. The filter has over 70 dB rejection by 250 MHz.
Other bandwidths are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 150 MHz Lowpass Filter
 Elliptic Type
 Sharp Transition to Stopband
 High Stopband Attenuation
 50  Source and Load
 Surface Mount
 Also available with SMA connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 2978

ManufacturerPart #DatasheetDescription
logo
Adafruit Industries
2978 ADAFRUIT-2978 Datasheet
78Kb / 1P
Stranded-Core Wire Spool - 25ft - 22AWG - Orange
logo
Weidmuller
2978550000 WEIDMULLER-2978550000 Datasheet
519Kb / 7P
B2CF 3.50/06/180 AU RD BX LRP
More results

Similar Description - 2978

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2840 KR-2840 Datasheet
58Kb / 2P
150 MHz differential lowpass filter
2403-S KR-2403-S Datasheet
42Kb / 3P
60 MHz Lowpass Filter
3007 KR-3007 Datasheet
91Kb / 3P
430 MHz Lowpass Filter
3007-SMA KR-3007-SMA Datasheet
65Kb / 3P
430 MHz Lowpass Filter
3018-2 KR-3018-2 Datasheet
52Kb / 3P
30 MHz Lowpass Filter
3153-SMA KR-3153-SMA Datasheet
80Kb / 3P
615 MHz Lowpass Filter
3202-2-BNC KR-3202-2-BNC Datasheet
57Kb / 3P
2 MHz Lowpass Filter
3253-201-LP KR-3253-201-LP Datasheet
92Kb / 3P
201 MHz Lowpass Filter
3253-201-LP-SMA KR-3253-201-LP-SMA Datasheet
82Kb / 3P
201 MHz Lowpass Filter
3271-BNC KR-3271-BNC Datasheet
50Kb / 3P
1 MHz Lowpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com