Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4076 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN4076
Description  Two or three shunt resistor based current sensing circuit design
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4076 Datasheet(HTML) 5 Page - STMicroelectronics

  AN4076 Datasheet HTML 1Page - STMicroelectronics AN4076 Datasheet HTML 2Page - STMicroelectronics AN4076 Datasheet HTML 3Page - STMicroelectronics AN4076 Datasheet HTML 4Page - STMicroelectronics AN4076 Datasheet HTML 5Page - STMicroelectronics AN4076 Datasheet HTML 6Page - STMicroelectronics AN4076 Datasheet HTML 7Page - STMicroelectronics AN4076 Datasheet HTML 8Page - STMicroelectronics AN4076 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AN4076
Current sensing circuit design guidelines
Doc ID 022923 Rev 1
5/14
Figure 3.
Motor current feedback conditioning circuit
1.1
Shunt resistors dimensioning
The starting point for the design of the current sensing network is the dimensioning of the
shunt resistor (Rshunt). The bigger the resistor value, the higher the voltage drop for a given
current, and therefore the available useful signal. On the other hand, power dissipation on
the shunt resistor increases together with its resistance value, so the value of resistance
mainly depends on what is the maximum power dissipation (PMAX) acceptable for the
component.
It is therefore important to know how to calculate the power dissipation on the shunt resistor
as a function of the expected maximum motor current (that is the motor rated phase
current).
In fact, it must be noted that the motor phase current really flows through the shunt resistor
only if the low-side transistor of the same leg is turned on. Fortunately, if we consider a full
motor phase current electrical period, the average duty cycle applied to the low-side switch
is always 50% in ideal conditions (constant bus voltage, constant torque and speed,
sinusoidal motor B-emf, …), independently from the modulation index which is used for the
space vector modulation (SV-PWM) and which fixes the portion of bus voltage really applied
to the motor phases.
Additionally, as shown in Figure 4, the SV-PWM duty cycle applied at angle
θ+Π is
complementary to the duty cycle applied at
θ. For this reason the integral
may be graphically computed (see red lines of Figure 4) as
(iS(t) being the
motor phase current and iR(t) the resistor current).
AM12078v1
Rshunt
+
-
U1A
3
1
2
R1
C1
R2
R3
V_m
R4
R5.
Filter
Offset
C2
Amplification
To MCU ADC pin
Low side switch
High side switch
To motor phase
Vbus
i
2
R
0
T
∫
t
()dt
i
2
S
0
T
∫
t
()dt
1
2
---



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com