Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4124 Datasheet(PDF) 18 Page - STMicroelectronics

Part # AN4124
Description  Using SPC56EL60x fault collection and control unit
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4124 Datasheet(HTML) 18 Page - STMicroelectronics

Back Button AN4124 Datasheet HTML 14Page - STMicroelectronics AN4124 Datasheet HTML 15Page - STMicroelectronics AN4124 Datasheet HTML 16Page - STMicroelectronics AN4124 Datasheet HTML 17Page - STMicroelectronics AN4124 Datasheet HTML 18Page - STMicroelectronics AN4124 Datasheet HTML 19Page - STMicroelectronics AN4124 Datasheet HTML 20Page - STMicroelectronics AN4124 Datasheet HTML 21Page - STMicroelectronics AN4124 Datasheet HTML 22Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 32 page
background image
FCCU settings
AN4124
18/32
Doc ID 023294 Rev 2
5.4
LOCK FCCU configuration
The configuration state is used to modify the default configuration of the FCCU only. A sub-
set of the FCCU registers, dedicated to defining the FCCU configuration (global
configuration, reactions to fault, time-out, non-critical fault masking), can be accessed in
write mode, in the CONFIG state only.
The CONFIG state is accessible in NORMAL state only and only if the configuration is not
locked. The configuration lock can be disabled only by a global reset of the FCCU. To lock
the FCCU see Section A.2.3 0 function.
5.5
Hardware: XPC56XL minimodule
The examples are executed by XPC56EL minimodule, using the motherboard. The
motherboard provides common functionality used in most applications, such as serial
communication interface, CAN transceivers, SPI bus, I/O pins, power supply, buttons and
LEDs. The minimodule provides a minimum setup for the microprocessor, for example,
socket for the processor, crystal oscillator and debug interface. Figure 2 displays the
XPC56XL minimodule layout.
Figure 2.
XPC56EL minimodule
GAPGCFT00698



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com