Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4218 Datasheet(PDF) 22 Page - STMicroelectronics

Part # AN4218
Description  Hardware design guideline
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4218 Datasheet(HTML) 22 Page - STMicroelectronics

Back Button AN4218 Datasheet HTML 18Page - STMicroelectronics AN4218 Datasheet HTML 19Page - STMicroelectronics AN4218 Datasheet HTML 20Page - STMicroelectronics AN4218 Datasheet HTML 21Page - STMicroelectronics AN4218 Datasheet HTML 22Page - STMicroelectronics AN4218 Datasheet HTML 23Page - STMicroelectronics AN4218 Datasheet HTML 24Page - STMicroelectronics AN4218 Datasheet HTML 25Page - STMicroelectronics AN4218 Datasheet HTML 26Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 22 / 26 page
background image
Application circuits
AN4218
22/26
DocID024014 Rev 2
Figure 22. Bad example circuit
Calculation of RV1/2 for ADC
The calculation for the voltage divider is done in the same way as for the example with
RPROT.
In addition to this, also the ADC-protection regarding ISO-transients has to be taken into
account.
Effects of the bad VMEASURE implementation
Sensitivity to ISO transients
Any ISO pulse voltage (e.g. +100 V, - 150 V) applied to pin VMEASURE is applied to the
device pin and its ESD protection diode directly via RV1. If RV1 is not high resistive enough
(see example above), the microcontroller might be damaged.
Sensitivity to Electro-Magnetic-Injection (EMI)
All EMI-distortions at the pin VMEASURE are coupled into the microcontroller pin via the
voltage divider and may distort the microcontroller. A capacitor at the microcontroller pin
improves this by adding a low resistive path to ground for high frequencies.
Residual voltage at VDD in power down condition
A residual voltage at VDD might happen if the current flowing from VMEASURE to VDD via the
microcontroller ESD protection diode is not actively sunk to ground.
Since the VDD-net supplies other components in the system (e.g. physical layer, high load
drivers etc.) they will get affected as well.
Absolute maximum ratings of the ESD-protection diode
In power down condition the absolute maximum voltage rating (e.g. 0.3 V) as well as the
absolute maximum current rating (e.g. 75 µA) may constantly be violated. The voltage and
currents given above are examples only, for the actual values please refer to the associated
datasheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com