Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4287 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4287
Description  Safety application guide for SPC564Axx family
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4287 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4287 Datasheet HTML 17Page - STMicroelectronics AN4287 Datasheet HTML 18Page - STMicroelectronics AN4287 Datasheet HTML 19Page - STMicroelectronics AN4287 Datasheet HTML 20Page - STMicroelectronics AN4287 Datasheet HTML 21Page - STMicroelectronics AN4287 Datasheet HTML 22Page - STMicroelectronics AN4287 Datasheet HTML 23Page - STMicroelectronics AN4287 Datasheet HTML 24Page - STMicroelectronics AN4287 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
DocID024464
Rev 2
21/27
AN4287
ECC logic test
5
ECC logic test
5.1
Overview
This section describes the required information on how to develop the software for such
ECC logic test.
The goal is to ensure high coverage of the ECC logic faults with minimum performance
penalty to customer’s application. Thus, the performance penalty must be less than 2% (e.g.
the test time should be less than 200
μs considering a FTTI of 10 ms).
The SPC564A7x/SPC564A80 FLASH memory has a UTEST (user-test) mode ECC logic
check feature which can be utilized for this ECC logic test. A data pattern with walking 0
through data and ECC parity bits can be applied during the ECC logic check procedure to
achieve high fault coverage of the ECC logic and fast execution.
5.2
Data pattern – Walking 0
To reach the needed performances the use of the data pattern with walking 0 through data
and ECC parity bits must be used. Table 1 shows the data pattern.
It is important to note that for double word data = 0xFFFF_FFFF_FFFF_FFFF, the correct
ECC check bits should be 0xFF. Therefore, every data vector in the data pattern in Table 1,
except the last one, contains a single-bit ECC error and will result in a single-bit correction.
Table 1. Data pattern used by the ECC logic test
Data vector number
8-bit ECC parity bits
64-bit data bits
0
0xFF
0xFFFF_FFFF_FFFF_FFFE
1
0xFF
0xFFFF_FFFF_FFFF_FFFD
2
0xFF
0xFFFF_FFFF_FFFF_FFFB
3
0xFF
0xFFFF_FFFF_FFFF_FFF7
4
0xFF
0xFFFF_FFFF_FFFF_FFEF
5
0xFF
0xFFFF_FFFF_FFFF_FFDF
6
0xFF
0xFFFF_FFFF_FFFF_FFBF
7
0xFF
0xFFFF_FFFF_FFFF_FF7F
……
62
0xFF
0xBFFF_FFFF_FFFF_FFFF
63
0xFF
0x7FFF_FFFF_FFFF_FFFF
64
0xFE
0xFFFF_FFFF_FFFF_FFFF
65
0xFD
0xFFFF_FFFF_FFFF_FFFF
……
71
0x7F
0xFFFF_FFFF_FFFF_FFFF
72
0xFF
0xFFFF_FFFF_FFFF_FFFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com