Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4304 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4304
Description  How to filter the input of a high-side current sensing
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4304 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4304 Datasheet HTML 9Page - STMicroelectronics AN4304 Datasheet HTML 10Page - STMicroelectronics AN4304 Datasheet HTML 11Page - STMicroelectronics AN4304 Datasheet HTML 12Page - STMicroelectronics AN4304 Datasheet HTML 13Page - STMicroelectronics AN4304 Datasheet HTML 14Page - STMicroelectronics AN4304 Datasheet HTML 15Page - STMicroelectronics AN4304 Datasheet HTML 16Page - STMicroelectronics AN4304 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
AN4304
Estimating differential error
DocID024731 Rev 1
13/20
The ripple is 111 mVpp which means that, in the worst case scenario, Vsense could be
equal to 205 mV instead of the expected value of 150 mV. This corresponds to an error of
37 %. To compensate the mismatching of the capacitances it is necessary to add one
differential capacitance, as shown in Figure 14: "Common and differential mode filter".
Figure 14: Common and differential mode filter
Equation 5 below expresses the transfer function of the common mode and differential
mode filtering. To simplify the calculation, only the mismatch of the capacitance is taken
into account. Vin is the voltage source.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com