Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4368 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN4368
Description  Signal conditioning for pyroelectric passive infrared
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4368 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN4368 Datasheet HTML 9Page - STMicroelectronics AN4368 Datasheet HTML 10Page - STMicroelectronics AN4368 Datasheet HTML 11Page - STMicroelectronics AN4368 Datasheet HTML 12Page - STMicroelectronics AN4368 Datasheet HTML 13Page - STMicroelectronics AN4368 Datasheet HTML 14Page - STMicroelectronics AN4368 Datasheet HTML 15Page - STMicroelectronics AN4368 Datasheet HTML 16Page - STMicroelectronics AN4368 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN4368
Conditioning the signal
DocID025334 Rev 1
13/18
Figure 10 shows the output voltage of stage 2 where the signal has been further amplified.
In this case, the Vout1 signal has been amplified by -52. Clear peaks can be detected. This
figure allows us to see how common mode voltage has changed with amplification. In
Figure 8: "Output voltage of the PIR sensor", common mode voltage (Vicm) was 1.1 V,
whereas below, common mode voltage is half Vcc.
Figure 10: Output voltage of stage 2
The signal generated by the sensor is now sufficiently amplified to set a threshold
detection. The divider bridges and the op-amps used as comparators create a window
comparator. In our case (see Section 3.3: "Stage 3"), we have a low threshold voltage of
0.53 V and a high threshold voltage of 2.77 V (Vcc - 0.53 V). At the output of this
comparator window, a NAND gate could be added to use only one microcontroller input.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com