Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN4371 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN4371
Description  In automotive more and more often comes in foreground
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN4371 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN4371 Datasheet HTML 17Page - STMicroelectronics AN4371 Datasheet HTML 18Page - STMicroelectronics AN4371 Datasheet HTML 19Page - STMicroelectronics AN4371 Datasheet HTML 20Page - STMicroelectronics AN4371 Datasheet HTML 21Page - STMicroelectronics AN4371 Datasheet HTML 22Page - STMicroelectronics AN4371 Datasheet HTML 23Page - STMicroelectronics AN4371 Datasheet HTML 24Page - STMicroelectronics AN4371 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 29 page
background image
DocID025337 Rev 1
21/29
AN4371
Appendix A
28
ADC0.STCR3.B.ALG = 0x0;
// Select the Self Testing algorithm in
STCR3.ALG. Default is Algorithm S
/* 6 */
ADC0.STCR2.B.EN = 1;
// ADC0 Enable self testing channel by setting
EN bit in the STCR2 register
/* 7 */
/* Step 0
-
ADC0 internal bandgap voltage register configuration */
ADC0.STCR3.B.MSTEP = 0;
// For Scan-shot mode, defines the first
step for algorithms S
ADC0.STAW0R.B.THRL = ADC0_Self_Test_Flash_Calibration_Data[6];
//
Set ADC0 Self-Test calibration data - S algo S0 step - 3.3V
ADC0.STAW0R.B.THRH = ADC0_Self_Test_Flash_Calibration_Data[7];
//
Set ADC0 Self-Test calibration data - S algo S0 step - 3.3V
ADC0.STAW0R.B.AWDE = 1;
// Enable analog watchdog related to the
algorithm S (step 0)
/* Step 1 - ADC supply voltage register configuration */
/* Integer */
ADC0.STAW1AR.B.THRL = ADC0_Self_Test_Flash_Calibration_Data[10];
//
Set ADC0 Self-Test calibration data - S algo S1 step - (integer) - Low
Treshold Value
ADC0.STAW1AR.B.THRH = ADC1_Self_Test_Flash_Calibration_Data[11];
//
Set ADC0 Self-Test calibration data - S algo S1 step - (integer) - High
Treshold Value
/* Float */
ADC0.STAW1BR.B.THRL = ADC0_Self_Test_Flash_Calibration_Data[12];
//
Set ADC0 Self-Test calibration data - S algo S1 step - (float) - Low
Treshold Value
ADC0.STAW1BR.B.THRH = ADC0_Self_Test_Flash_Calibration_Data[13];
ADC0.STAW1AR.B.AWDE = 1;
// Enable analog watchdog related to the
algorithm S (step 1)
/* Step 2 - ADC reference voltage register configuration */
ADC0.STAW2R.B.THRL = ADC0_Self_Test_Flash_Calibration_Data[14];
//
Set ADC0 Self-Test calibration data - S algo S2 step) - Low Treshold Value
ADC0.STAW2R.B.AWDE = 1;
// Enable analog watchdog related to the
algorithm S (step 2)
ADC0.MCR.B.NSTART = 1;
// Start ADC0 normal conversion by setting
NSTART bit in the MCR
ADC0.MCR.B.NSTART = 0;
// Stop ADC0 normal conversion by setting
NSTART bit in the MCR
while (ADC0.ISR.B.ECH == 0);
ADC0.ISR.B.ECH = 1;
while (ADC0.STSR1.B.ST_EOC == 0);
ADC0.STSR1.B.ST_EOC = 1;
if (ADC0.STSR1.B.ERR_S0 == 1 || ADC0.STSR1.B.ERR_S1 == 1 ||
ADC0.STSR1.B.ERR_S2 == 1)
// Check if No S-algorithm error has occurred
{
while(1); // Self test failed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com