Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZAVGAAM2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # EZAVGAAM2
Description  Easy Pull Type-A Connectors - (M-M set of VGA with Audio)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EZAVGAAM2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  EZAVGAAM2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EZAVGAAM2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Easy Pull Type-A Connectors - (M/M set of VGA
with Audio)
MODEL NUMBER: EZA-VGAAM-2
Description
Easy Pull Connector Kit includes: 2 x HD15 Male w/stereo 3.5mm plug, 1 ft. pigtails. Video support up to 1600 x 1200. Use with either PVC or Plenum trunk
cables.
Features
Easy Pull, 2 x HD15 Male & 2 x 3.5mm Stereo, 1 ft. pigtails
Eliminates the need to field terminate VGA connectors
Allows cable to be run according to code - inside conduit, drop ceilings, etc.
Makes pulling long cables fast and easy
Trunk cables available in 35 ft., 50 ft. and 100 ft. PVC lengths, and 35 ft. and 50 ft. Plenum jackets
Support resolutions up to 1600 x 1200
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Easy Pull
Model Type
VGA
Cable Types
CAT6
Highlights
SVGA / 3.5mm Stereo Connector
Kit, Male to Male
Versatile trunk cable allows for a
variety of connection options
High quality RGB style VGA
cable supports resolutions up to
1600 x 1200
Applications
Use where standard VGA cables
won't fit, such as conduit or
confined wall or ceiling spaces
Package Includes
2 x HD15 Male/3.5mm Stereo
Male, 1 ft. pigtails
1 / 2


Similar Part No. - EZAVGAAM2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZAVGAAF2 TRIPPLITE-EZAVGAAF2 Datasheet
478Kb / 2P
Easy Pull Type-A Connectors - (F-F set of VGA with Audio and Faceplates)
EZAVGAAX2 TRIPPLITE-EZAVGAAX2 Datasheet
478Kb / 2P
Easy Pull Type-A Connectors - (M-F set of VGA with Audio and Faceplate)
More results

Similar Description - EZAVGAAM2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZAVGAAX2 TRIPPLITE-EZAVGAAX2 Datasheet
478Kb / 2P
Easy Pull Type-A Connectors - (M-F set of VGA with Audio and Faceplate)
EZAVGACSAM2 TRIPPLITE-EZAVGACSAM2 Datasheet
485Kb / 2P
Easy Pull Type-A Connectors - M-M set of VGA, 3.5mm, RCA Audio, Composite Video
EZAVGACSAX2 TRIPPLITE-EZAVGACSAX2 Datasheet
495Kb / 2P
Easy Pull Type-A Connectors - M-F set of VGA, 3.5mm, RCA Audio, Composite Video
EZAVGAM2 TRIPPLITE-EZAVGAM2 Datasheet
471Kb / 2P
Easy Pull Type-A Connectors - M/M set of VGA
EZAVGAX2 TRIPPLITE-EZAVGAX2 Datasheet
466Kb / 2P
Easy Pull Type-A Connectors - (M/F set of VGA with Faceplate)
EZA-VGAAM-2 TRIPPLITE-EZA-VGAAM-2 Datasheet
154Kb / 2P
Easy Pull Type-A Connectors - (M/M set of VGA with Audio)
EZA-VGAAX-2 TRIPPLITE-EZA-VGAAX-2 Datasheet
153Kb / 2P
Easy Pull Type-A Connectors - (M/F set of VGA with Audio and Faceplate)
EZA-VGACSAX-2 TRIPPLITE-EZA-VGACSAX-2 Datasheet
161Kb / 2P
Easy Pull Type-A Connectors - M/F set of VGA, 3.5mm, RCA Audio, Composite Video
EZA-VGAM-2 TRIPPLITE-EZA-VGAM-2 Datasheet
153Kb / 2P
Easy Pull Type-A Connectors - M/M set of VGA
EZA-VGAX-2 TRIPPLITE-EZA-VGAX-2 Datasheet
152Kb / 2P
Easy Pull Type-A Connectors - (M/F set of VGA with Faceplate)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com