Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZAVGACSAF2 Datasheet(PDF) 2 Page - Tripp Lite. All Rights Reserved

Part # EZAVGACSAF2
Description  Easy Pull Type-A Connectors - F-F set of VGA, 3.5mm,RCA Audio, Composite Video
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EZAVGACSAF2 Datasheet(HTML) 2 Page - Tripp Lite. All Rights Reserved

  EZAVGACSAF2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EZAVGACSAF2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
INPUT
Cable Length (ft.)
0
PHYSICAL
Color
Black
CONNECTIONS
Connector A
EASY PULL A (FEMALE)
Connector B
EASY PULL B (FEMALE)
Side A - Connector 1
HD15 Female
Side A - Connector 2
3.5mm Female
Side A - Connector 3
2 x RCA Female - Red White Audio
Side A - Connector 4
RCA Female - Composite Video
Side B - Connector 1
Din 14 Pin Male
WARRANTY
Product Warranty Period (Worldwide)
Lifetime limited warranty
© 2015 Tripp Lite. All rights reserved. All trademarks are the sole property of their respective owners. Tripp Lite has a policy of continuous improvement.
Specifications are subject to change without notice. Photos may differ slightly from final products.
2 / 2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com