Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZAVGACSAM2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # EZAVGACSAM2
Description  Easy Pull Type-A Connectors - M-M set of VGA, 3.5mm, RCA Audio, Composite Video
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EZAVGACSAM2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  EZAVGACSAM2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EZAVGACSAM2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Easy Pull Type-A Connectors - M/M set of VGA,
3.5mm, RCA Audio, Composite Video
MODEL NUMBER: EZA-VGACSAM-2
Description
Easy Pull Connector Kit includes: 2 x HD15 Male, 2 x stereo 3.5mm Plug, 4 x RCA Red/White Audio plugs, and 2 x Yellow Composite Video plugs, 1 ft.
pigtails. Video support up to 1600 x 1200. Use with either PVC or Plenum Easy Pull trunk cables.
Features
Easy Pull, SVGA / 3.5mm / Red-White RCA Audio / Composite Video, Male to Male
Eliminates the need to field terminate VGA connectors
Allows cable to be run according to code - inside conduit, drop ceilings, etc.
Makes pulling long cables fast and easy
Trunk cables available in 35 ft., 50 ft. and 100 ft. lengths, PVC or Plenum rated jackets
Support resolutions up to 1600 x 1200
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Easy Pull
Model Type
VGA
Cable Types
CAT6
Highlights
SVGA / 3.5mm / Red-White RCA
Audio / Composite Video, Male to
Male
Versatile trunk cable allows for a
variety of connection options
High quality RGB style VGA
cable supports resolutions up to
1600 x 1200
Applications
Use where standard VGA cables
won't fit, such as conduit or
confined wall or ceiling spaces
Package Includes
2 x HD15/3.5mm/Red White RCA
Audio/Composite Video, All Male
Plugs
1 / 2


Similar Part No. - EZAVGACSAM2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZAVGACSAF2 TRIPPLITE-EZAVGACSAF2 Datasheet
512Kb / 2P
Easy Pull Type-A Connectors - F-F set of VGA, 3.5mm,RCA Audio, Composite Video
EZAVGACSAX2 TRIPPLITE-EZAVGACSAX2 Datasheet
495Kb / 2P
Easy Pull Type-A Connectors - M-F set of VGA, 3.5mm, RCA Audio, Composite Video
More results

Similar Description - EZAVGACSAM2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZAVGAAM2 TRIPPLITE-EZAVGAAM2 Datasheet
479Kb / 2P
Easy Pull Type-A Connectors - (M-M set of VGA with Audio)
EZAVGAAX2 TRIPPLITE-EZAVGAAX2 Datasheet
478Kb / 2P
Easy Pull Type-A Connectors - (M-F set of VGA with Audio and Faceplate)
EZAVGACSAF2 TRIPPLITE-EZAVGACSAF2 Datasheet
512Kb / 2P
Easy Pull Type-A Connectors - F-F set of VGA, 3.5mm,RCA Audio, Composite Video
EZAVGACSAX2 TRIPPLITE-EZAVGACSAX2 Datasheet
495Kb / 2P
Easy Pull Type-A Connectors - M-F set of VGA, 3.5mm, RCA Audio, Composite Video
EZAVGAM2 TRIPPLITE-EZAVGAM2 Datasheet
471Kb / 2P
Easy Pull Type-A Connectors - M/M set of VGA
EZA-VGAAM-2 TRIPPLITE-EZA-VGAAM-2 Datasheet
154Kb / 2P
Easy Pull Type-A Connectors - (M/M set of VGA with Audio)
EZA-VGAAX-2 TRIPPLITE-EZA-VGAAX-2 Datasheet
153Kb / 2P
Easy Pull Type-A Connectors - (M/F set of VGA with Audio and Faceplate)
EZA-VGACSAF-2 TRIPPLITE-EZA-VGACSAF-2 Datasheet
165Kb / 2P
Easy Pull Type-A Connectors - F/F set of VGA, 3.5mm, RCA Audio, Composite Video
EZA-VGACSAX-2 TRIPPLITE-EZA-VGACSAX-2 Datasheet
161Kb / 2P
Easy Pull Type-A Connectors - M/F set of VGA, 3.5mm, RCA Audio, Composite Video
EZA-VGAM-2 TRIPPLITE-EZA-VGAM-2 Datasheet
153Kb / 2P
Easy Pull Type-A Connectors - M/M set of VGA
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com