Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

EZAVGAF2 Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # EZAVGAF2
Description  Easy Pull Type-A Connectors - (F-F set of VGA with Faceplates)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

EZAVGAF2 Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  EZAVGAF2 Datasheet HTML 1Page - Tripp Lite. All Rights Reserved EZAVGAF2 Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Easy Pull Type-A Connectors - (F/F set of VGA with
Faceplates)
MODEL NUMBER: EZA-VGAF-2
Description
Easy Pull Connector Kit includes: 2 x HD15 Female - 1 ft. pigtails and 2 Wall plates. Easy Pull trunk run with a
finished appearance. Video support up to 1600 x 1200. Use with either PVC or Plenum trunk cables.
Features
Eliminates the need to field terminate VGA connectors
Wall plates with HD15 cut-out cleanly finishes off the cable run
Allows cable to be run according to code - inside conduit, drop ceilings, etc.
Makes pulling long cables fast and easy
Trunk cables available in 35ft, 50ft and 100ft PVC lengths, and 35ft and 50ft Plenum jackets
Supports resolutions up to 1600 x 1200
Specifications
General Info
RoHS
Y
OVERVIEW
Chromebook Compatible
No
Display Style
Easy Pull
Model Type
VGA
Cable Types
CAT6
Highlights
SVGA Connector Kit, Female to
Female -HD15, 2 x Wall plates
Versatile trunk cable allows for a
variety of connection options
High quality RGB style VGA
cable supports resolutions up to
1600 x 1200
Easily pulls through conduit or
confined spaces with included
pull-caps
Applications
Use where standard VGA cables
won't fit, such as conduit, or
confined wall or ceiling spaces
Package Includes
Type-A Easy Pull Kit w/HD15
F/F, 1 ft. pigtails & (2) Wall plates
1 / 2


Similar Part No. - EZAVGAF2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZAVGAAF2 TRIPPLITE-EZAVGAAF2 Datasheet
478Kb / 2P
Easy Pull Type-A Connectors - (F-F set of VGA with Audio and Faceplates)
EZAVGAAM2 TRIPPLITE-EZAVGAAM2 Datasheet
479Kb / 2P
Easy Pull Type-A Connectors - (M-M set of VGA with Audio)
EZAVGAAX2 TRIPPLITE-EZAVGAAX2 Datasheet
478Kb / 2P
Easy Pull Type-A Connectors - (M-F set of VGA with Audio and Faceplate)
EZAVGACSAF2 TRIPPLITE-EZAVGACSAF2 Datasheet
512Kb / 2P
Easy Pull Type-A Connectors - F-F set of VGA, 3.5mm,RCA Audio, Composite Video
EZAVGACSAM2 TRIPPLITE-EZAVGACSAM2 Datasheet
485Kb / 2P
Easy Pull Type-A Connectors - M-M set of VGA, 3.5mm, RCA Audio, Composite Video
More results

Similar Description - EZAVGAF2

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
EZAVGAAX2 TRIPPLITE-EZAVGAAX2 Datasheet
478Kb / 2P
Easy Pull Type-A Connectors - (M-F set of VGA with Audio and Faceplate)
EZAVGACSAF2 TRIPPLITE-EZAVGACSAF2 Datasheet
512Kb / 2P
Easy Pull Type-A Connectors - F-F set of VGA, 3.5mm,RCA Audio, Composite Video
EZAVGAAF2 TRIPPLITE-EZAVGAAF2 Datasheet
478Kb / 2P
Easy Pull Type-A Connectors - (F-F set of VGA with Audio and Faceplates)
EZAVGAX2 TRIPPLITE-EZAVGAX2 Datasheet
466Kb / 2P
Easy Pull Type-A Connectors - (M/F set of VGA with Faceplate)
EZA-VGAAF-2 TRIPPLITE-EZA-VGAAF-2 Datasheet
153Kb / 2P
Easy Pull Type-A Connectors - (F/F set of VGA with Audio and Faceplates)
EZA-VGAAX-2 TRIPPLITE-EZA-VGAAX-2 Datasheet
153Kb / 2P
Easy Pull Type-A Connectors - (M/F set of VGA with Audio and Faceplate)
EZA-VGACSAF-2 TRIPPLITE-EZA-VGACSAF-2 Datasheet
165Kb / 2P
Easy Pull Type-A Connectors - F/F set of VGA, 3.5mm, RCA Audio, Composite Video
EZA-VGAF-2 TRIPPLITE-EZA-VGAF-2 Datasheet
153Kb / 2P
Easy Pull Type-A Connectors - (F/F set of VGA with Faceplates)
EZA-VGAX-2 TRIPPLITE-EZA-VGAX-2 Datasheet
152Kb / 2P
Easy Pull Type-A Connectors - (M/F set of VGA with Faceplate)
EZB-DVIF-2 TRIPPLITE-EZB-DVIF-2 Datasheet
152Kb / 2P
Easy Pull Type-B Connectors - (F/F set of DVISingle-Link with Faceplates)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com