Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0985 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN0985
Description  Class S equivalent??for CMOS4000B and 54HCMOS series
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0985 Datasheet(HTML) 5 Page - STMicroelectronics

  TN0985 Datasheet HTML 1Page - STMicroelectronics TN0985 Datasheet HTML 2Page - STMicroelectronics TN0985 Datasheet HTML 3Page - STMicroelectronics TN0985 Datasheet HTML 4Page - STMicroelectronics TN0985 Datasheet HTML 5Page - STMicroelectronics TN0985 Datasheet HTML 6Page - STMicroelectronics TN0985 Datasheet HTML 7Page - STMicroelectronics TN0985 Datasheet HTML 8Page - STMicroelectronics TN0985 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 32 page
background image
DocID024294 Rev 4
5/32
TN0985
Procedure
32
Burn-in test
883 TM1015 240
hours at 125 °C per
minute
883 TM1015 240 hours at 125 °C(6)
883 TM1015 240 hours at
125 °C(7)(6)
Interim
electrical
measurements
Per applicable SMD,
with deltas
Per applicable ESCC detailed
specification with deltas
Per applicable ESCC detailed
specification with deltas(5)
Reverse bias
burn-in
883 TM1015 72
hours at 150 °C
883 TM1015 cond. A 72 hours
NMOS(8)+72 hours PMOS(9) at
125 °C
883 TM1015 cond. A 72 hours
NMOS+72 hours PMOS at 125 °C(7)
Final electrical
tests at room
temperature
Per applicable SMD,
with deltas
Per applicable ESCC detailed
specification with deltas
Per applicable ESCC detailed
specification with deltas(5)
PDA(10)
calculation
5 % with 3 % max.
functional failure
5 % applied at the end of screening flow
Final electrical
test of three
temperatures
Static, dynamic, and AC's
Static, dynamic, and AC's(11)
Seal (fine and
gross)
883 TM1014
Radiographic
883 TM2012
Not performed
883 TM2012
External visual
883 TM2009
ESA(12) # 20500, 205900, and 883
TM2009
ESA # 20500, 205900, and 883
TM2009 paragraph 3.3.6(b) and
3.3.7(A)
Solderability
883 TM2003 (five parts, all leads)
1. SPC = tool which ensures that the precision machined components manufactured for the aerospace and defense industries
meet customer requirements.
2. SEM = scanning electron microscope
3. PIND = particle impact noise detection
4. SMD = standard microcircuit drawing
5. With functional test at VCC = 20 V for CMOS4000B devices. See Table 6 for delta.
6. Burn-in is done after reverse bias burn-in.
7. Performed at VCC = 20 V for CMOS4000B devices.
8. NMOS = NMOS logic
9. PMOS = PMOS logic
10. PDA = percent defective allowable
11. At 25 °C: static, functional and switching tests. At +125 °C and -55 °C: static and functional tests.
12. ESA = European space agency
Table 1. Comparison between Class S, ESCC 9000 flow chart F3, and ST “Class S equivalent” flow
(continued)
Screen
Screening test comparison
ST “Class S equivalent” flow
Class S
ESCC 9000 flow chart F3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com