Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3002 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3002
Description  174 MHz Bandpass
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3002 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3002 Datasheet HTML 1Page - KR Electronics, Inc. 3002 Datasheet HTML 2Page - KR Electronics, Inc. 3002 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2010, KR Electronics, Inc.
3002, 174 MHz Bandpass, Rev 0, November 30, 2010
KR Electronics, Inc.
KR Electronics part number 3002 is a 174 MHz bandpass filter.
The filter has a minimum 3 dB bandwidth of 8 MHz. Other cen-
ter frequencies and bandwidths available. Please consult the fac-
tory.
General Description
KR Electronics, Inc.
Features
 174 MHz Bandpass
 8 MHz min 3 dB Bandwidth
 50  Source and Load
 Surface Mount
 Also available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3002

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
3002 MOLEX-3002 Datasheet
66Kb / 2P
KK Maxi-3.96mm & 5.08mm Modular Interconnection System
logo
Keystone Electronics Co...
3002 KEYSTONE-3002 Datasheet
393Kb / 2P
20mm SM COIN CELL CLIP ON TAPE
logo
Heyco.
3002 HEYCO-3002 Datasheet
113Kb / 1P
Shorty Universal Bushings
logo
Belden Inc.
3002 BELDEN-3002 Datasheet
488Kb / 4P
Fast Ethernet Cat5e Data Double-Ended Cordset
02-03-2025
logo
Abbatron All Rights Res...
3002 ABBATRON-3002 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
More results

Similar Description - 3002

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2812 KR-2812 Datasheet
48Kb / 2P
174 MHz lowpass filter
2796-SMA KR-2796-SMA Datasheet
65Kb / 2P
10 MHz Bandpass
2451-S KR-2451-S Datasheet
48Kb / 2P
140 MHz Bandpass
2567-1 KR-2567-1 Datasheet
88Kb / 2P
10.7 MHz Bandpass
3017 KR-3017 Datasheet
48Kb / 3P
455 MHz Bandpass
3030-140-10 KR-3030-140-10 Datasheet
58Kb / 3P
140 MHz Bandpass
3192-3 KR-3192-3 Datasheet
105Kb / 3P
2000 MHz Bandpass
3204 KR-3204 Datasheet
105Kb / 3P
1087.5 MHz Bandpass
logo
TAI-SAW TECHNOLOGY CO.,...
TA1836A TAI-SAW-TA1836A Datasheet
245Kb / 6P
SAW Filter 174 MHz
TA1836B TAI-SAW-TA1836B Datasheet
452Kb / 6P
SAW Filter 174 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com