Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC174P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC174P
Description  Hex D-type Flip-Flops (with Clear)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC174P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC174P Datasheet HTML 2Page - Renesas Technology Corp HD74HC174P Datasheet HTML 3Page - Renesas Technology Corp HD74HC174P Datasheet HTML 4Page - Renesas Technology Corp HD74HC174P Datasheet HTML 5Page - Renesas Technology Corp HD74HC174P Datasheet HTML 6Page - Renesas Technology Corp HD74HC174P Datasheet HTML 7Page - Renesas Technology Corp HD74HC174P Datasheet HTML 8Page - Renesas Technology Corp HD74HC174P Datasheet HTML 9Page - Renesas Technology Corp HD74HC174P Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HD74HC174
Rev.3.00, Jan 31, 2006 page 7 of 7
0.65
0.10
0.65
6.20
6.60
0.20
0.15
p
A 1
5.3
TTP-16DAV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
1.10
0.6
0.5
0.4
4.40
0.10
0.07
0.03
0.25
0.20
0.15
0.10
6.40
8
°
0
°
0.13
1.0
5.0
0.05g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
L
A
P-TSSOP16-4.4x5-0.65
PTSP0016JB-A
Index mark
1
y
xM
p
*3
*1
F
8
16
9
b
Z
D
p
Terminal cross section
( Ni/Pd/Au plating )
b
Detail F
1
L
L
θ
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
e



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com