Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3028 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3028
Description  54 MHz Highpass
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3028 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3028 Datasheet HTML 1Page - KR Electronics, Inc. 3028 Datasheet HTML 2Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page 1
© 2011, KR Electronics, Inc.
3028+, 54 MHz Highpass, Rev 0, June 28, 2011
KR Electronics, Inc.
KR Electronics part number 3028+ is a 54 MHz elliptic type
highpass filter. The filter attains a minimum of 45 dB (50 dB
typical) at 40 MHz. Other frequencies are available. Please con-
sult the factory.
General Description
KR Electronics, Inc.
Features
 54 MHz Highpass
 45 dB min at 40 MHz
 Sharp Transition to Stopband
 RoHS
 75  Source and Load
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3028

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
3028 ETC2-3028 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
3M Electronics
3028 3M-3028 Datasheet
152Kb / 2P
Particulate Filter 5N11, N95
01/01/04
logo
Heyco.
3028 HEYCO-3028 Datasheet
135Kb / 1P
Large Dome Plugs
logo
Abbatron All Rights Res...
3028 ABBATRON-3028 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Keystone Electronics Co...
3028 KEYSTONE-3028 Datasheet
392Kb / 1P
THRU HOLE (THM) & SURFACE MOUNT (SMT) COIN CELL RETAINERS
31-07 20th
More results

Similar Description - 3028

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2638 KR-2638 Datasheet
47Kb / 2P
57 MHz Bessel Highpass
logo
TAI-SAW TECHNOLOGY CO.,...
TX0147A TAI-SAW-TX0147A Datasheet
173Kb / 4P
7.0x5.0 VCXO 54 MHz
logo
KR Electronics, Inc.
2557-SMA KR-2557-SMA Datasheet
59Kb / 2P
2 MHz Highpass Filter
3102-2 KR-3102-2 Datasheet
47Kb / 2P
2 MHz Highpass Filter
3102-5 KR-3102-5 Datasheet
47Kb / 2P
5 MHz Highpass Filter
3102-10 KR-3102-10 Datasheet
47Kb / 2P
10 MHz Highpass Filter
3102-15 KR-3102-15 Datasheet
47Kb / 2P
15 MHz Highpass Filter
3102-20 KR-3102-20 Datasheet
47Kb / 2P
20 MHz Highpass Filter
3253-201-HP KR-3253-201-HP Datasheet
91Kb / 3P
201 MHz Highpass Filter
3255-805-HP-SMA KR-3255-805-HP-SMA Datasheet
81Kb / 3P
805 MHz Highpass Filter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com