Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC563P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC563P
Description  Octal Transparent Latches (with 3-state outputs)
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC563P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC563P Datasheet HTML 5Page - Renesas Technology Corp HD74HC563P Datasheet HTML 6Page - Renesas Technology Corp HD74HC563P Datasheet HTML 7Page - Renesas Technology Corp HD74HC563P Datasheet HTML 8Page - Renesas Technology Corp HD74HC563P Datasheet HTML 9Page - Renesas Technology Corp HD74HC563P Datasheet HTML 10Page - Renesas Technology Corp HD74HC563P Datasheet HTML 11Page - Renesas Technology Corp HD74HC563P Datasheet HTML 12Page - Renesas Technology Corp HD74HC563P Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
HD74HC563, HD74HC573
Rev.2.00 Mar 30, 2006 page 7 of 10
Waveforms
• Waveform – 1
0 V
VCC
VOH
VOL
tPLH
tPHL
10 %
90 %
50 %
50 %
50 %
50 %
10 %
90 %
Input D
Output Q
tr
tf
tTHL
10 %
90 %
tTLH
10 %
90 %
VOH
VOL
50 %
50 %
Output
Q
tTHL
10 %
90 %
tTLH
10 %
90 %
tPHL
tPLH
Note : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns
0 V
VCC
VOH
Input LE
Output Q
50 %
10 %
90 %
tr
• Waveform – 2
50 %
50 %
10 %
90 %
tTLH
10 %
tTHL
50 %
50 %
tPLH
tPHL
VOL
0 V
VCC
50 %
10 %
90 %
tr
10 %
tf
50 %
50 %
Input D
90 %
th
tsu
th
tsu
90 %
VOH
Output
Q
10 %
90 %
tTLH
10 %
tTHL
50 %
50 %
tPHL
tPLH
VOL
90 %
10 %
tf
50 %
tW
tW
tW
tW
Note : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com