Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC564P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC564P
Description  Octal D-type Flip-Flops (with 3-state outputs)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC564P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC564P Datasheet HTML 4Page - Renesas Technology Corp HD74HC564P Datasheet HTML 5Page - Renesas Technology Corp HD74HC564P Datasheet HTML 6Page - Renesas Technology Corp HD74HC564P Datasheet HTML 7Page - Renesas Technology Corp HD74HC564P Datasheet HTML 8Page - Renesas Technology Corp HD74HC564P Datasheet HTML 9Page - Renesas Technology Corp HD74HC564P Datasheet HTML 10Page - Renesas Technology Corp HD74HC564P Datasheet HTML 11Page - Renesas Technology Corp HD74HC564P Datasheet HTML 12Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
HD74HC564, HD74HC574
Rev.2.00 Mar 30, 2006 page 7 of 9
Waveforms
Input Clock
0 V
tPLH
10 %
90 %
tr
tf
10 %
50 %
50 %
50 %
50 %
50 %
50 %
50 %
50 %
10 %
tr
90 %
10 %
tf
0 V
tPHL
VOH
VCC
VCC
VCC
VOL
Input Data
Output
Q
90 %
90 %
90 %
10 %
tZL
tLZ
tZH
tHZ
tf
tr
90 %
10 %
90 %
10 %
VOH
VOL
0 V
Input
OC
Waveform - A
Waveform - B
VOH
VOL
• Waveform – 2
• Waveform – 1
Output Q
Notes : 1. Input waveform : PRR
≤ 1 MHz, duty cycle 50%, tr ≤ 6 ns, tf ≤ 6 ns
2. Waveform - A is for an output with internal conditions such that the
output is low except when disabled by the output control.
3. Waveform - B is for an output with internal conditions such that the
output is high except when disabled by the output control.
4. The output are measured one at a time with one transition per measurement.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com