Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF84W Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF84W
Description  P-Channel Enhancement Mode Power MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF84W Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF84W_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF84W_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF84W_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF84W_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
SSF84W
-0.13A , -50V , RDS(ON) 10
P-Channel Enhancement Mode Power MOSFET
Elektronische Bauelemente
04-Nov-2011 Rev. A
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
MAXIMUM RATINGS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Drain – Source Voltage
VDS
-50
V
Gate – Source Voltage - Continuous
VGS
±20
V
Continuous Drain Current
TA=25°C
I D
-130
mA
Pulsed Drain Current (tp
≤10µs)
IDM
-520
Total Power Dissipation
TA=25°C
P D
225
mW
Maximum Lead Temperature for Soldering
Purposes, for 10 seconds
TL
260
°C
Maximum Junction–Ambient
RθJA
556
°C / W
Operating Junction & Storage Temperature Range
TJ, TSTG
-55 ~ 150
°C
ELECTRICAL CHARACTERISTICS (TA=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
OFF Characteristics
Drain-Source Breakdown Voltage
V(BR)DSS
-50
-
-
V
VGS=0, ID = -250µA
Gate-Source Leakage Current
IGSS
-
-
±60
µA
VGS= ±20V, VDS=0
Drain-Source Leakage Current
IDSS
-
-
-0.1
µA
VDS= -25V, VGS=0
-
-
-15
VDS= -50V, VGS=0
-
-
-60
VDS = -50V, VGS=0, TJ =125°C
ON Characteristics
1
Gate Threshold Voltage
VGS(TH)
-0.8
-
-2
V
VDS=VGS, ID = -1mA
Transfer Admittance
|yfs|
50
-
-
mS
VDS= -25V,
ID= -100mA, f=1kHz
Drain-Source On Resistance
RDS(ON)
-
5
10
VGS= -5V, ID= -100mA
Dynamic Characteristics
Turn-on Delay Time
Td(on)
-
2.5
-
nS
VDD= -15V
ID= -2.5A
RL=50
Rise Time
Tr
-
1
-
Turn-off Delay Time
Td(off)
-
16
-
Fall Time
Tf
-
8
-
Gate Charge
QT
-
6000
-
pC
Input Capacitance
Ciss
-
30
-
pF
VDS= -5V
Output Capacitance
Coss
-
10
-
VDS= -5V
Reverse Transfer Capacitance
Crss
-
5
-
VDG= -5V
Source-Drain Diode
Continuous Current
IS
-
-
-0.130
A
Pulsed Current
ISM
-
-
-0.520
Forward On Voltage
2
VSD
-
-2.5
-
V
Notes:
1.
Pulse Test: Pulse Width ≦ 300 µs, Duty cycle ≦ 2%
2.
Switching characteristics are independent of operating junction temperature.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com