Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF2102 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF2102
Description  N-Channel Enhancement Mode Power MOSFET
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF2102 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF2102_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF2102_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Elektronische Bauelemente
SSF2102
2.1A , 20V , RDS(ON) 60 mΩ
Ω
Ω
Ω
N-Channel Enhancement Mode Power MOSFET
14-Jan-2014 Rev.A
Page 2 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ = 25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Teat Conditions
Static
Drain-Source Breakdown Voltage
BVDSS
20
-
-
V
VGS=0, ID=10µA
Gate-Threshold Voltage
VGS(th)
0.65
0.95
1.2
V
VDS=VGS, ID=50µA
Gate-Source Leakage Current
IGSS
-
-
±100
nA
VGS= ±8V, VDS=0
Drain-Source Leakage Current
IDSS
-
-
1
µA
VDS=20V, VGS=0
Forward Transconductance
1
gfs
-
8
-
S
VDS=5V, ID=3.6A
Diode Forward Voltage
VSD
-
0.76
1.2
V
IS=0.94A, VGS=0
-
45
60
VGS=4.5V, ID=3.6A
Static Drain-Source On-Resistance
1
RDS(ON)
-
70
115
m
VGS=2.5V, ID=3.1A
Dynamic Characteristics
Total Gate Charge
Qg
-
4
-
Gate-Source Charge
Qgs
-
0.65
-
Gate-Drain Change
Qgd
-
1.5
-
nC
ID=3.6A
VDS=10V
VGS=4.5V
Input Capacitance
2
Ciss
-
300
-
Output Capacitance
2
Coss
-
120
-
Reverse Transfer Capacitance
2
Crss
-
80
-
pF
VGS =0
VDS=10V
f =1.0MHz
Switching Parameters
Turn-on Delay Time
2
Td(on)
-
7
-
Rise Time
2
Tr
-
55
-
Turn-off Delay Time
2
Td(off)
-
16
-
Fall Time
2
Tf
-
10
-
nS
VDD=10V
VGEN=4.5V
RG=6
RL=5.5
ID=3.6A
Note:
1.
Pulse Test : Pulse width≤300µs, duty cycle ≤2%.
2.
These parameters have no way to verify.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com