Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SSF7401 Datasheet(PDF) 2 Page - SeCoS Halbleitertechnologie GmbH

Part # SSF7401
Description  P-Ch Enhancement Mode MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SSF7401 Datasheet(HTML) 2 Page - SeCoS Halbleitertechnologie GmbH

  SSF7401_15 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SSF7401_15 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH SSF7401_15 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH SSF7401_15 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Elektronische Bauelemente
SSF7401
-30V , -2A
P-Ch Enhancement Mode MOSFET
18-Oct-2011 Rev. B
Page 2 of 4
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
ELECTRICAL CHARACTERISTICS (TJ=25°C unless otherwise specified)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Test Conditions
Drain-Source Breakdown Voltage
V(BR)DSS
-30
-
-
V
VGS=0, ID= -250μA
Gate Threshold Voltage
VGS(th)
-0.5
-
-1.2
V
VDS=VGS, ID= -250μA
Gate Body Leakage Current
IGSS
-
-
±100
nA
VGS= ±12V
TJ = 25°C
-
-
-1
VDS= -30V, VGS=0
Zero Gate Voltage Drain
Current
TJ = 70°C
IDSS
-
-
-10
μA
VDS= -24V, VGS=0
-
-
120
VGS = -10V, ID = -2A
-
-
150
VGS = -4.5V, ID = -1.5A
Drain-Source on-State Resistance
RDS(ON)
-
-
190
mΩ
VGS = -2.5V, ID = -1A
Forward Transconductance
gFS
-
4
S
VDS = -5V, ID = -1.2A
Gate Resistance
Rg
-
12
-
Ω
f=1.0MHz
Dynamic
Total Gate Charge
2
Qg
-
5.06
-
Gate-Source Charge
Qgs
-
0.72
-
Gate-Drain (‘‘Miller’’)Charge
Qgd
-
1.58
-
nC
VDS= -15V,
VGS= -4.5V,
ID= -1A
Input Capacitance
Ciss
-
409
-
Output Capacitance
Coss
-
55
-
Reverse Transfer Capacitance
Crss
-
42
-
pF
VDS= -15V,
VGS=0,
f =1MHz
td(on)
-
6.2
-
Turn-On Time
2
tr
-
3.2
-
td(off)
-
41.2
-
Turn-Off Time
tf
-
14.5
-
ns
VDS= -15V,
RL=15Ω,
VGS= -10V,
RG=3Ω
Source-Drain Diode
Diode Forward Voltage
2
VSD
-
-
-1
V
IS= -1A,VGS=0
Reverse Recovery Time
2
TRR
-
13.2
-
nS
Reverse Recovery Charge
Qrr
-
5.4
-
nC
IS=-1A,VGS=0,
dl/dt=100A / μS
Continuous Source Current (Body Diode)
IS
-
-
-0.5
A
VD= VG=0, VS= -1V
Note:
1. Pulse width limited by Max. junction temperature.
2. Pulse width 300
≦
μs, duty cycle 2%.
≦
3. Surface mounted on FR4 board, t. 10sec
≦



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com