Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3079 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3079
Description  425 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3079 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3079 Datasheet HTML 1Page - KR Electronics, Inc. 3079 Datasheet HTML 2Page - KR Electronics, Inc. 3079 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2012, KR Electronics, Inc.
3079, Rev 0, July 24, 2012
KR Electronics, Inc.
KR Electronics part number 3079 is a 425 MHz bandpass filter.
The filter has a minimum 1 dB bandwidth of 70 MHz. Other cen-
ter frequencies and bandwidths are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 425 MHz Bandpass Filter
 70 MHz min 1 dB Bandwidth
 50  Source and Load
 Surface mount
 Also available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3079

ManufacturerPart #DatasheetDescription
logo
Alpha Wire
3079 ALPHAWIRE-3079 Datasheet
70Kb / 3P
Customer Specification
logo
Adafruit Industries
3079 ADAFRUIT-3079 Datasheet
293Kb / 5P
Adafruit Feather 32u4 RFM96W LoRa Radio - 433MHz
4/11/2016
logo
KR Electronics, Inc.
3079-SMA KR-3079-SMA Datasheet
77Kb / 3P
425 MHz Bandpass Filter
logo
TE Connectivity Ltd
307913-1 TEC-307913-1 Datasheet
510Kb / 7P
Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
307914-1 TEC-307914-1 Datasheet
510Kb / 7P
Application and Maintenance for Crimping Die Assemblies for Tape-Mounted PIDG and PLASTI-GRIP Terminals and Splices
More results

Similar Description - 3079

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
RF Monolithics, Inc
SF2218D RFM-SF2218D Datasheet
640Kb / 4P
425 MHz SAW Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
Murata Manufacturing Co...
SF2218D MURATA-SF2218D Datasheet
640Kb / 4P
425 MHz SAW Filter
logo
KR Electronics, Inc.
3079-SMA KR-3079-SMA Datasheet
77Kb / 3P
425 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
logo
TAI-SAW TECHNOLOGY CO.,...
TA1321A TAI-SAW-TA1321A Datasheet
412Kb / 6P
SAW Filter 425 MHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com