Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC107P Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # HD74HC107P
Description  Dual J-K Flip-Flops (with Clear)
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC107P Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button HD74HC107P Datasheet HTML 2Page - Renesas Technology Corp HD74HC107P Datasheet HTML 3Page - Renesas Technology Corp HD74HC107P Datasheet HTML 4Page - Renesas Technology Corp HD74HC107P Datasheet HTML 5Page - Renesas Technology Corp HD74HC107P Datasheet HTML 6Page - Renesas Technology Corp HD74HC107P Datasheet HTML 7Page - Renesas Technology Corp HD74HC107P Datasheet HTML 8Page - Renesas Technology Corp HD74HC107P Datasheet HTML 9Page - Renesas Technology Corp HD74HC107P Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 10 page
background image
HD74HC107
Rev.2.00, Oct 06, 2005 page 7 of 7
1.42
0.15
1.27
7.50
8.00
0.40
0.34
p
A 1
10.5
FP-14DAV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
2.20
0.90
0.70
0.50
5.50
0.20
0.10
0.00
0.46
0.25
0.20
0.15
7.80
8
°
0
°
0.12
1.15
10.06
0.23g
MASS[Typ.]
1
E
1
1
2
L
Z
H
y
x
θ
c
b
A
E
D
b
c
e
L
A
P-SOP14-5.5x10.06-1.27
PRSP0014DF-B
Index mark
1
*1
7
14
8
F
*3
p
M
x
y
D
Z
b
p
Terminal cross section
( Ni/Pd/Au plating )
b
Detail F
1
L
L
θ
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.
e



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com