Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

HD74HC86P Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # HD74HC86P
Description  Quad. 2-input Exclusive-OR Gates
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD74HC86P Datasheet(HTML) 7 Page - Renesas Technology Corp

  HD74HC86P Datasheet HTML 1Page - Renesas Technology Corp HD74HC86P Datasheet HTML 2Page - Renesas Technology Corp HD74HC86P Datasheet HTML 3Page - Renesas Technology Corp HD74HC86P Datasheet HTML 4Page - Renesas Technology Corp HD74HC86P Datasheet HTML 5Page - Renesas Technology Corp HD74HC86P Datasheet HTML 6Page - Renesas Technology Corp HD74HC86P Datasheet HTML 7Page - Renesas Technology Corp HD74HC86P Datasheet HTML 8Page - Renesas Technology Corp HD74HC86P Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
HD74HC86
Rev.2.00, Oct 06, 2005 page 5 of 6
Package Dimensions
( Ni/Pd/Au plating )
7.62
DP-14AV
RENESAS Code
JEITA Package Code
Previous Code
Max
Nom
Min
Dimension in Millimeters
Symbol
Reference
19.2
6.3
5.06
MASS[Typ.]
A
Z
b
D
E
A
b
c
θ
e
L
1
1
p
3
e
0.51
0.56
1.30
0.19
0.25
0.31
2.29
2.54
2.79
0°
15
°
PRDP0014AB-B
P-DIP14-6.3x19.2-2.54
20.32
7.4
0.40
0.48
2.39
2.54
0.97g
8
14
7
1
p
3
1
b
D
e
Z
b
c
e
θ
14
8
7
F
*1
*3
p
M
x
y
1
Index mark
b
Z
D
Terminal cross section
( Ni/Pd/Au plating )
p
b
1
Detail F
L
L
θ
PRSP0014DE-A
P-SOP14-3.95x8.65-1.27
A
L
e
e
c
b
D
E
A
b
c
θ
x
y
H
Z
L
2
1
1
E
1
MASS[Typ.]
0.13g
8.65
1.08
0.25
0
°
8
°
6.10
0.15
0.20
0.25
0.46
0.10
0.14
0.25
3.95
0.40
0.60
1.27
1.75
Reference
Symbol
Dimension in Millimeters
Min
Nom
Max
Previous Code
JEITA Package Code
RENESAS Code
FP-14DNV
9.05
1
A
p
0.34
0.40
6.20
5.80
1.27
0.15
0.635
NOTE)
1. DIMENSIONS"
*1 (Nom)"AND"*2"
DO NOT INCLUDE MOLD FLASH.
2. DIMENSION"
*3"DOES NOT
INCLUDE TRIM OFFSET.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com