Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN1656 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN1656
Description  6 CH VOLUME CONTROLLER
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1656 Datasheet(HTML) 5 Page - STMicroelectronics

  AN1656 Datasheet HTML 1Page - STMicroelectronics AN1656 Datasheet HTML 2Page - STMicroelectronics AN1656 Datasheet HTML 3Page - STMicroelectronics AN1656 Datasheet HTML 4Page - STMicroelectronics AN1656 Datasheet HTML 5Page - STMicroelectronics AN1656 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5/6
AN1656 APPLICATION NOTE
BASH@SAM351 module 6.1 configuration:
Figure 4. Block Diagram
System Specification
Table 1.
Parameter
Rating
Notes
Output Power
Sats @6ohm – 100W@THD10%
See Graphs
THD+N
<0.05% @ 40W
<0.05% @ 75W
Measured
@ 1KHz
SNR
-104dB (relative to full power)
-113dB (A-weighted)
Sensitivity
1.3VRMS
Amplifier
Crosstalk
-76dB (relative to 10W)
1KHz, 8 ohms
Main Power Supply
60V / 4A
Max Voltage is 60V
Min. Voltage is 50V
Aux Power Supply
+/- 24V / 100mA
Vs supply
Input Board
Supplied to facilitate
STA575
STA575
2 x 100Watts
2 x 100Watts
STA575
STA575
2 x 100Watts
2 x 100Watts
STABP01
STABP01
Converter
Converter
60VDC
6 Ohm Loads
+/- 24VDC 50mA
For each STA530
Audio Inputs
Audio Inputs
STA575
STA575
2 x 100Watts
2 x 100Watts
Audio Inputs
STA575
STA575
2 x 100Watts
2 x 100Watts
STA575
STA575
2 x 100Watts
2 x 100Watts
STABP01
STABP01
Converter
Converter
60VDC
6 Ohm Loads
+/- 24VDC 50mA
For each STA530
Audio Inputs
Audio Inputs
STA575
STA575
2 x 100Watts
2 x 100Watts
Audio Inputs



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com