Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2229 Datasheet(PDF) 6 Page - STMicroelectronics

Part # AN2229
Description  Purpose of the Application Note is to detail the startup behaviour
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2229 Datasheet(HTML) 6 Page - STMicroelectronics

  AN2229 Datasheet HTML 1Page - STMicroelectronics AN2229 Datasheet HTML 2Page - STMicroelectronics AN2229 Datasheet HTML 3Page - STMicroelectronics AN2229 Datasheet HTML 4Page - STMicroelectronics AN2229 Datasheet HTML 5Page - STMicroelectronics AN2229 Datasheet HTML 6Page - STMicroelectronics AN2229 Datasheet HTML 7Page - STMicroelectronics AN2229 Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
4 Proposed initialization sequences L9904:
AN2229
6/8
4
Proposed initialization sequences L9904:
Alternative 1:
Vs > 7V
EN = High
for >50
μs
PWM = Low Pulse
after 50
μs of EN
PWM = 1
for >10
μs
Alternative 2:
Vs > 7V
EN = High
for >50
μs
PWM = Edge
positive Edge after min 50
μs of EN
PWM = 1
for >10
μs
Alternative 3:
Vs > 7V
EN = High
for >50
μs
PWM = 1
for >10
μs after Edge of DIR 50μs of EN
DIR=Edge
after 50
μs of EN
Figure 5.
Proposed Sequence to Initialize L9904 after VS is applied
Three possible solutions. Important is that PWM=1 will be detected after enabling the L9904 to switch on
both LS transistors (break mode). Therefore an edge at PWM or DIR input has to be present 50
μs (or
more) after EN was set HI. The 50
μs delay are needed for the internal circuit to setup. A signal change
within the 50
μs may not be detected. After this edge the PWM should be HI for at least 10μs (CBoot=
100nF) to charge the CBx bootsstrap capacitors (depending on value of capacitor)
EN
VS
EN
PWM
VS should be>7V before EN=HI
>50us
>10us
PWM
>10us
>10us
PWM
DIR
Alternativ 1:
Pulse at PWM
Alternative 2:
pos. Edge PWM
Alternative 3:
Edge at DIR
with PWM=1



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com