Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2240 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN2240
Description  low noise microphone preamplifier with 2 V bias
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2240 Datasheet(HTML) 5 Page - STMicroelectronics

  AN2240 Datasheet HTML 1Page - STMicroelectronics AN2240 Datasheet HTML 2Page - STMicroelectronics AN2240 Datasheet HTML 3Page - STMicroelectronics AN2240 Datasheet HTML 4Page - STMicroelectronics AN2240 Datasheet HTML 5Page - STMicroelectronics AN2240 Datasheet HTML 6Page - STMicroelectronics AN2240 Datasheet HTML 7Page - STMicroelectronics AN2240 Datasheet HTML 8Page - STMicroelectronics AN2240 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
AN2240
Schematic diagram
Doc ID 11677 Rev 4
5/9
Table 2.
Component list for the TS472 demonstration board
Board marking
Quantity
Description
C1, C2
0
Not assembled, 0805
C3, C7, C10
3
Capacitor 1
μF/10 V, 0805
C4, C5, C6, C8, C9
5
Capacitor 100 nF/50 V, 0805
C11
0
Not assembled, 0805
R1
1
Resistor 470 k/100 mW, 1%, 0805
R2
1
Resistor 27 k/100 mW, 1%, 0805
R4
1
Resistor 1 k/100 mW, 1%, 0805
R5
1
Resistor 68 R/100 mW, 1%, 0805
R6, R7, R10, R11
0
Not assembled, 0805
R8, R9
2
Resistor 100 k/100 mW, 1%, 0805
P1, P2
2
Vertical pin header 1x4, 2.54 mm pitch
P3, P6, P7
3
Vertical pin header 1x2, 2.54 mm pitch
P4
1
Vertical pin header 1x3, 2.54 mm pitch
P5
1
Vertical pin header 2x7, 2.54 mm pitch
U1
1
TS472IQT



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com