Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2244 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2244
Description  The ST10F27x MCUs provide 0.18關m embedded true Flash technology
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2244 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2244 Datasheet HTML 9Page - STMicroelectronics AN2244 Datasheet HTML 10Page - STMicroelectronics AN2244 Datasheet HTML 11Page - STMicroelectronics AN2244 Datasheet HTML 12Page - STMicroelectronics AN2244 Datasheet HTML 13Page - STMicroelectronics AN2244 Datasheet HTML 14Page - STMicroelectronics AN2244 Datasheet HTML 15Page - STMicroelectronics AN2244 Datasheet HTML 16Page - STMicroelectronics AN2244 Datasheet HTML 17Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 17 page
background image
AN2244
3 Application example: EEPROM emulation using ST10F27x Flash library
13/17
Program/Erase functions
In this application, the following functions provided by the Flash library are used:
FlashVerifyWord( )
FlashProgramWord( )
FlashSectorErase( )
FlashWait( )
3.4.4
Using EEPROM routines in a main program
The number of variables needed must be defined in the eeprom.h file. For example,
#define max_varia
0x3
#define A 0x2004
#define B 0x3000
#define C 0x3FEC
//#define D ...
etc...
The application must declare the variables array:
u32 Tab[max_varia]
=
{A,
B,
C
//D,
etc...
};
To write in the eeprom, use the WriteVariable( ) routine which returns "0" on success and
the error code upon failure. Reading from the eeprom is performed by the ReadVariable( )
routine.
3.4.5
Program execution
The internal Flash of some ST10F27x derivatives (ST10F276, ST10F275 and ST10F273)
offers the ability to update one bank while code is executed from another bank. Therefore
there is no need to transfer Flash operations (Program/Erase) to RAM. In this case, the
emulation driver can be downloaded into a bank other than bank0.
The internal Flash of the remaining ST10F27x dervatives (ST10F271 and ST10F272)
contains just one bank. Therefore, the Flash operations (Program/Erase) must be copied
into and executed from RAM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com