Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2334 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2334
Description  Complete car door module
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2334 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2334 Datasheet HTML 9Page - STMicroelectronics AN2334 Datasheet HTML 10Page - STMicroelectronics AN2334 Datasheet HTML 11Page - STMicroelectronics AN2334 Datasheet HTML 12Page - STMicroelectronics AN2334 Datasheet HTML 13Page - STMicroelectronics AN2334 Datasheet HTML 14Page - STMicroelectronics AN2334 Datasheet HTML 15Page - STMicroelectronics AN2334 Datasheet HTML 16Page - STMicroelectronics AN2334 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
AN2334
Local Interconnect Network (LIN) messages
13/22
Table 6.
Dashboard data
Description
Data Value
No action
0x01
Defroster turn on
0x02
Turn light turn on
0x03
Defroster and Turn light turn on
0x04
Table 7.
PC - L9950 Diag. data
Data0
Data1
Data2
Data3
Data4
Bit
Description
Bit
Description
Bit
Description
Bit
Description
Bit
Description
0
VS Over
Voltage
0
Out 2 HS
Over Current
0
Out 6 HS
Over Current
0
Out 2 LS
Open Load
0
Out 6 LS
Open Load
1
VS Under
Voltage
1
Out 3 LS
Over Current
1
Out 7 HS
Over Current
1
Out 2 HS
Open Load
1
Out 6 HS
Open Load
2
Thermal
Shutdown
2
Out 3 HS
Over Current
2
Out 8 HS
Over Current
2
Out 3 LS
Open Load
2
Out 7 HS
Open Load
3
Temperature
Warning
3
Out 4 LS
Over Current
3
Out 9 HS
Over Current
3
Out 3 HS
Open Load
3
Out 8 HS
Open Load
4N.U.
4
Out 4 HS
Over Current
4
Out 10 HS
Over Current
4
Out 4 LS
Open Load
4
Out 9 HS
Open Load
5
Out 1 LS
Over Current
5
Out 5 LS
Over Current
5
Out 11 HS
Over Current
5
Out 4 HS
Open Load
5
Out 10 HS
Open Load
6
Out 1 HS
Over Current
6
Out 5 HS
Over Current
6
Out 1 LS Open
Load
6
Out 5 LS
Open Load
6
Out 11 HS
Open Load
7
Out 2 LS
Over Current
7
Out 6 LS
Over Current
7
Out 1 HS Open
Load
7
Out 5 HS
Open Load
7
N.U.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com