Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2354 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2354
Description  ST10 UART recommendations
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2354 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2354 Datasheet HTML 9Page - STMicroelectronics AN2354 Datasheet HTML 10Page - STMicroelectronics AN2354 Datasheet HTML 11Page - STMicroelectronics AN2354 Datasheet HTML 12Page - STMicroelectronics AN2354 Datasheet HTML 13Page - STMicroelectronics AN2354 Datasheet HTML 14Page - STMicroelectronics AN2354 Datasheet HTML 15Page - STMicroelectronics AN2354 Datasheet HTML 16Page - STMicroelectronics AN2354 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN2354
Connecting ASC to an RS485 network
13/21
3
Connecting ASC to an RS485 network
3.1
Introduction
An RS232 interface connects one DTE (data terminal equipment) to one DCE (data
communication equipment) at a maximum speed of 20 Kbit/s with a maximum cable length
of 30 meters. This was sufficient early on when almost all computer equipment was
connected by modems but, soon after, interfaces capable of one or more of the following
were in demand:
●
Connecting DTE's directly without the need for modems
●
Connecting several DTE's in a network structure
●
Communicating over longer distances
●
Communicating at faster speeds
RS485 is the most versatile communication standard in the standard series defined by the
EIA, as it performs well on all four points. Thus RS485 is currently a widely-used
communication interface in data acquisition and control applications where multiple nodes
communicate with each other.
3.2
RS485 versus RS232
One of the main problems with RS232 is the lack of immunity against noise on the signal
lines. The transmitter and receiver compare the voltages of the data and handshake lines
with one common zero line. Shifts in the ground level can have disastrous effects. Therefore,
the trigger level of the RS232 interface is set relatively high at ±3V (
Table 3). Noise is easily
picked up and limits both the maximum distance and communication speed. On the
contrary, a common zero as a signal reference does not exist with RS485. A difference of
several volts in the ground level of the RS485 transmitter and receiver does not cause any
problems. The RS485 signals are floating and each signal is transmitted over a B line and
an A line. The RS485 receiver compares the voltage difference between both lines,
instead of the absolute voltage level on a signal line. This works well and prevents the
existence of ground loops, a common source of communication problems. The best results
are achieved if the B and A lines are twisted.
When the cable is twisted, we see that in some parts of the signal lines the direction of the
noise current is the opposite from the current in other parts of the cable. Consequently, the
resulting noise current is many factors lower than with an ordinary straight cable. Shielding
tries to isolate the signal lines from hostile magnetic fields. Twisted pairs in RS485
communication, however, add immunity, which is a much better way to fight noise.
Differential signals and twisting allow RS485 to communicate over much longer distances
than achievable with RS232. With RS485, communication distances of 1200 meters are
possible.
Differential signal lines also allow higher bit rates than possible with non-differential
connections. Therefore, RS485 can overcome the practical communication speed limit of
RS232. Currently, RS485 drivers are produced that can attain a bit rate of 35 Mbit/s.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com