Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2542 Datasheet(PDF) 9 Page - STMicroelectronics

Part # AN2542
Description  This board is designed for the evaluation of the BT-STA2416C2 receiver module in an A2DP
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2542 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button AN2542 Datasheet HTML 5Page - STMicroelectronics AN2542 Datasheet HTML 6Page - STMicroelectronics AN2542 Datasheet HTML 7Page - STMicroelectronics AN2542 Datasheet HTML 8Page - STMicroelectronics AN2542 Datasheet HTML 9Page - STMicroelectronics AN2542 Datasheet HTML 10Page - STMicroelectronics AN2542 Datasheet HTML 11Page - STMicroelectronics AN2542 Datasheet HTML 12Page - STMicroelectronics AN2542 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
AN2542
BOM
9/16
50
1
TP8
UART RXD
TP
Not soldered
51
1
TP9
VDD33
TP
Not soldered
52
1
TP10
DGND
TP
Not soldered
53
1
TP11
AUDIO_L
TP
Not soldered
54
1
TP12
AGND
TP
Not soldered
55
1
TP13
AUDIO_R
TP
Not soldered
56
1
TP14
BT_RESET
TP
Not soldered
57
1
TP15
LED_CONT
TP
Not soldered
58
1
Y1
13 MHz
QZ-49SX
SMD crystal
(11mm x 4.8mm)
Table 1.
Bill of materials
Item
Qty
Reference
Part
Footprint
Notes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com