Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2621 Datasheet(PDF) 3 Page - STMicroelectronics

Part # AN2621
Description  TS488/9 low power stereo headphone amplifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2621 Datasheet(HTML) 3 Page - STMicroelectronics

  AN2621 Datasheet HTML 1Page - STMicroelectronics AN2621 Datasheet HTML 2Page - STMicroelectronics AN2621 Datasheet HTML 3Page - STMicroelectronics AN2621 Datasheet HTML 4Page - STMicroelectronics AN2621 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
AN2621
3/5
Figure 1.
Schematic diagram
VCC
1uF
C1
100nF
C2
20k
R11
20k
R21
20k
R12
20k
R22
1uF
C3
VCC
220uF
C13
220uF
C23
1
2
3
4
P10
Input
1
2
P1
Vcc
VCC
1
2
3
P2
OUT1
OUT2
1
2
3
4
P20
Output
C22
C12
Input1
Input2
330nF
C11
330nF
C21
Jumper J1
1k
R23
1k
R13
VIN1
2
VIN2
6
VOUT2
7
VOUT1
1
BIAS
BPS
3
STDB
5
TS488=STDB
TS489=STDB
U1
Table 3.
Component list for the evaluation board
Designation
Quantity
Description
C11, C21
2
330nF/16V, ceramic capacitors, 0805
C12, C22
0
Not assembled, 0603
C2
1
100nF/16V, ceramic capacitors, 0805
C1, C3
2
1
μF/50V, electrolytic capacitor, 1206
C13, C23
2
220
μF/10V, electrolytic capacitor
P1
1
2-pin header 2.54mm pitch
P2
1
3-pin header 2.54mm pitch
P10, P20
2
4-pin header 2.54mm pitch
J1
1
Jumper, 2.54mm pitch
U1
1
TS488 or TS489



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com