Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN2722 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN2722
Description  Demonstration board user guidelines for the
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN2722 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN2722 Datasheet HTML 8Page - STMicroelectronics AN2722 Datasheet HTML 9Page - STMicroelectronics AN2722 Datasheet HTML 10Page - STMicroelectronics AN2722 Datasheet HTML 11Page - STMicroelectronics AN2722 Datasheet HTML 12Page - STMicroelectronics AN2722 Datasheet HTML 13Page - STMicroelectronics AN2722 Datasheet HTML 14Page - STMicroelectronics AN2722 Datasheet HTML 15Page - STMicroelectronics AN2722 Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
AN2722
TS4601B demonstration software
13/16
3.3
Common error messages
No acknowledge for address
You pressed an output mode button and the software displays an information pop-up
window that indicates “Error: No acknowledge for address!” (see example in Figure 9).
This error message can have several causes.
●
You set the device in master standby mode. Either Cn8 between 2 and 3 or the SDZ pin
were left floating.
●
The power supply is down or disconnected from Cn1.
●
One or several jumpers are missing on Cn6 or Cn7.
●
The serial cable is disconnected from J2.
●
The jumper on Cn3 is missing and there is no amperemeter in series.
Figure 9.
TS4601B acknowledge pop-up message
Results displayed in Internal Registers window are different from main window
You pressed the read internal registers button in the TS4601B internal registers window,
and results displayed are different from what the main window indicates (see Figure 10).
The main window is not automatically refreshed, therefore, this case can appear if, while the
software is running, you switch the TS4601B power supply OFF and ON or set the TS4601B
to master standby (by setting the pin SDZ to "0") and set it back again to I2C standby (SDZ
to level "1"). When you do this, the TS4601B is reset and all internal registers are set to their
initial value. This is why, when you press the Read Internal Registers button, the result
displayed is quite different from the display in the main window.
Pressing again one of the output mode buttons or just changing the volume is enough to re-
start the TS4601B without closing and re-starting the software.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com