Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGBC40F Datasheet(PDF) 5 Page - International Rectifier

Part # IRGBC40F
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=27A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGBC40F Datasheet(HTML) 5 Page - International Rectifier

  IRGBC40F Datasheet HTML 1Page - International Rectifier IRGBC40F Datasheet HTML 2Page - International Rectifier IRGBC40F Datasheet HTML 3Page - International Rectifier IRGBC40F Datasheet HTML 4Page - International Rectifier IRGBC40F Datasheet HTML 5Page - International Rectifier IRGBC40F Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
C-67
IRGBC40F
Fig. 7 - Typical Capacitance vs.
Collector-to-Emitter Voltage
Fig. 8 - Typical Gate Charge vs.
Gate-to-Emitter Voltage
Fig. 9 - Typical Switching Losses vs. Gate
Resistance
Fig. 10 - Typical Switching Losses vs.
Case Temperature
0
5 0 0
1 0 0 0
1 5 0 0
2 0 0 0
2 5 0 0
3 0 0 0
1
1 0
1 00
C E
V
, C ollector-to-E m itter V oltage (V )
V
= 0V,
f = 1MHz
C
= C
+ C
, C
SHORTED
C
= C
C
= C
+ C
GE
ies
ge
gc
ce
res
gc
oes
ce
gc
Cies
Cres
Coes
0
4
8
1 2
1 6
2 0
0
1 0
2 0
30
4 0
50
6 0
Q
, Total G ate C harge (nC )
g
V
= 4 00 V
I
= 2 7 A
C E
C
4 .3
4 .4
4 .5
4 .6
4 .7
4 .8
0
10
2 0
3 0
40
5 0
6 0
G
R
, G ate R es istance (
)
Ω
W
V
= 4 80 V
V
= 15 V
T
= 25°C
I
= 2 7A
C C
G E
C
C
1
1 0
1 0 0
-6 0
-4 0
-2 0
0
2 0
4 0
6 0
8 0
1 0 0 1 2 0 1 4 0 1 6 0
C
T , C ase T em perature (°C )
I
= 2 7A
I
= 5 4A
I
= 14 A
C
C
C
R
= 10
V
= 1 5V
V
= 48 0V
G
GE
CC
Ω
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com