Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3018 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3018
Description  Developing self tests for SPC564Ax
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3018 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3018 Datasheet HTML 16Page - STMicroelectronics AN3018 Datasheet HTML 17Page - STMicroelectronics AN3018 Datasheet HTML 18Page - STMicroelectronics AN3018 Datasheet HTML 19Page - STMicroelectronics AN3018 Datasheet HTML 20Page - STMicroelectronics AN3018 Datasheet HTML 21Page - STMicroelectronics AN3018 Datasheet HTML 22Page - STMicroelectronics AN3018 Datasheet HTML 23Page - STMicroelectronics AN3018 Datasheet HTML 24Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
AN3018
Self tests for SPC564Ax analog peripherals
Doc ID 16081 Rev 2
21/24
Result: obtained by checking the ADC conversion result of the selected differential input.
Resource availability: selecting pull up and pull down may affect the precision of regular
conversions performed during the time they are activated.
5.4
Supply monitor self tests
SPC564Ax devices have supply monitors for 5 V, 3.3 V (internally generated) and 1.2 V.
The 1.2 V monitor is testable.
5.4.1
1.2 V monitor check
Principle: reset or interrupt can be selected for a 1.2 V loss. By enabling interrupt and
changing the trimmed value and its threshold, it is possible to test the 1.2 V monitor.
Result: a 1.2 V error is reported when the threshold of the monitor is set lower than 1.2 V.
Resource availability: 1.2 V monitor is not available during this test.
5.4.2
Monitor check using eQADC
Principle: the analog multiplexer allows for convertion of any of the supplies (5 V, 3.3 V,
1.2 V). This also includes the reference voltage for 1.2 V.
Result: obtained by checking the ADC conversion result.
Resource availability: all LVIs should be disabled during this test.
Note that the 1.2 V is derived from a reference independent of the ADC VREF, so that the
1.2 V check with ADC allows checking of the ADC reference voltage.
5.5
Summary for analog peripherals
The table below summarizes the self tests for analog peripherals.
Table 2.
Self tests for analog peripherals
Module
Self test
Comments
PLL
Use CQM
-
ADC
ADC reference check, ADC mux and analog input check
-
1.2 V monitor Change the 1.2 V threshold.
-
PMC
Use ADC to measure the supplies (5
self tests for analog
peripherals, 3.3 V, 1.2 V)
-
Oscillator
Use CQM
-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com