Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UM0438 Datasheet(PDF) 13 Page - STMicroelectronics

Part # UM0438
Description  This user manual defines a programming model for use with the variable-length encoding
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

UM0438 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button UM0438 Datasheet HTML 9Page - STMicroelectronics UM0438 Datasheet HTML 10Page - STMicroelectronics UM0438 Datasheet HTML 11Page - STMicroelectronics UM0438 Datasheet HTML 12Page - STMicroelectronics UM0438 Datasheet HTML 13Page - STMicroelectronics UM0438 Datasheet HTML 14Page - STMicroelectronics UM0438 Datasheet HTML 15Page - STMicroelectronics UM0438 Datasheet HTML 16Page - STMicroelectronics UM0438 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 50 page
background image
UM0438
Application Binary Interface (ABI)
13/50
The VLE encodings also require additional relocation types, which allow the linker to resolve
immediate and branch displacement fields in the instruction encoding once a symbol or
label address is known (at link time). The VLE encodings require additional relocation types
to resolve fields not present in the PowerPC Book E encodings.
2.2.1
VLE information section
The e500 ABI defines an information section named .PPC.EMB.apuinfo having type
SHT_NOTE and attributes of 0, which matches the format of a typical ELF note section as
shown in Table 3. The information section allows disassemblers and debuggers to interpret
the instructions properly within the binary and can be used by operating systems to provide
emulation or error checking of the VLE extension revisions.
Table 3.
Typical Elf note section format
For the .PPC.EMB.apuinfo section, the name is APUinfo the type is 2 (as type 1 is already
reserved), and the data contains a series of words providing information about the APU or
extension, one per word. The information contains two unsigned half words: the upper half
contains the unique identifier, and the lower half contains the revision number. The VLE
identifier is shown in Table 4.
length of name (in bytes)
length of data (in bytes)
type
name (null-terminated, padded to 4-byte alignment)
data
Table 4.
VLE identifier
Identifier (16 Bits)
APU/Extension
0x0104
VLE
Example - Object file a.o
0
0x00000008
# 8 bytes in
"APUinfo\0"
4
0x0000000C
# 12 bytes (3 words)
of APU information
8
0x00000002
# NOTE type 2
12
0x41505569
# ASCII for "APUi"
16
0x6e666f00
# ASCII for "nfo\0"
20
0x00010001
# APU #1, revision 1
24
0x01040001
# VLE, revision 1
28
0x00040001
# APU #4, revision 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com