Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3099 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3099
Description  875 Hz Active Notch Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3099 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3099 Datasheet HTML 1Page - KR Electronics, Inc. 3099 Datasheet HTML 2Page - KR Electronics, Inc. 3099 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2014, KR Electronics, Inc.
3099, Rev 0, May 24, 2014
KR Electronics, Inc.
KR Electronics part number 3099 is a 875 Hz active notch
filter. The filter has a min 3 dB bandwidth of 400 Hz. Oth-
er frequencies are available. Please consult the factory.
General Description
KR Electronics, Inc.
Features
 875 Hz Active Notch Filter
 400 Hz min 3 dB Bandwidth
 200 Hz max 40 dB Bandwidth
 ±18 Vdc Supply Voltage
 ±6 Vpk-pk max Input
 BNC In/Out Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3099

ManufacturerPart #DatasheetDescription
logo
Heyco.
3099 HEYCO-3099 Datasheet
117Kb / 1P
Pry Out Plugs
logo
Abbatron All Rights Res...
3099 ABBATRON-3099 Datasheet
4Mb / 60P
Premier Supplier of Electronic Hardware
logo
Adafruit Industries
3099 ADAFRUIT-3099 Datasheet
151Kb / 2P
Raspberry Pi Camera Board v2 - 8 Megapixels
logo
Molex Electronics Ltd.
3099-03A1 MOLEX11-3099-03A1 Datasheet
41Kb / 2P
2.36mm Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits
3099-03A2 MOLEX3-3099-03A2 Datasheet
94Kb / 3P
2.36mm (.093") Diameter Standard .093" Pin and Socket Header, Shrouded, 3 Circuits
More results

Similar Description - 3099

ManufacturerPart #DatasheetDescription
logo
KR Electronics, Inc.
2355 KR-2355 Datasheet
35Kb / 1P
Active Notch Filter
2355-120 KR-2355-120 Datasheet
16Kb / 1P
Active Notch Filter
2489-3 KR-2489-3 Datasheet
20Kb / 2P
Notch Filter
2355-240 KR-2355-240 Datasheet
81Kb / 2P
240 Hz Active notch filter No adjustments necessary
2355-400 KR-2355-400 Datasheet
101Kb / 2P
400 Hz Active notch filter No adjustments necessary
2355-50-BNC KR-2355-50-BNC Datasheet
41Kb / 2P
50 Hz Active notch filter
2355-BNC KR-2355-BNC Datasheet
43Kb / 2P
60 Hz Active notch filter
3122 KR-3122 Datasheet
70Kb / 3P
6 Channel 60 Hz Active notch filter
2355-20 KR-2355-20 Datasheet
101Kb / 3P
20 Hz Active notch filter
2195-BNC KR-2195-BNC Datasheet
46Kb / 3P
16 Hz Active Lowpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com