Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3108 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3108
Description  110 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3108 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3108 Datasheet HTML 1Page - KR Electronics, Inc. 3108 Datasheet HTML 2Page - KR Electronics, Inc. 3108 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3108, Rev 0, July 2, 2013
KR Electronics, Inc.
KR Electronics part number 3108 is a 110 MHz wide band band-
pass filter. The filter has a 0.5 dB bandwidth of 200 MHz mini-
mum and has a sharp transition to the stopand. Other center fre-
quencies and bandwidths are available. Please consult the facto-
ry.
General Description
KR Electronics, Inc.
Features
 110 MHz Bandpass Filter
 200 MHz min 0.5 dB Bandwidth
 Sharp Transition to the Stopband
 50 dB min Stopband
 50  Source and Load
 SMA Connectors
 Also available in surface mount
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3108

ManufacturerPart #DatasheetDescription
logo
Advanced Technical Mate...
3108 ATM-3108 Datasheet
98Kb / 1P
OUTLINE, FXD ATTEN. SMA, DC-23.0 GHz
logo
List of Unclassifed Man...
3108 ETC2-3108 Datasheet
92Kb / 2P
WASHERS AND NUTS
3108 ETC2-3108 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Heyco.
3108 HEYCO-3108 Datasheet
120Kb / 1P
Thick Panel Snap Bushings
logo
List of Unclassifed Man...
3108 ETC-3108 Datasheet
3Mb / 32P
TORQUE PRODUCTS
More results

Similar Description - 3108

ManufacturerPart #DatasheetDescription
logo
Integrated Circuit Syst...
SF0063CN02271T ICST-SF0063CN02271T Datasheet
89Kb / 2P
63 MHz SAW Bandpass Filter 63 MHz SAW Bandpass Filter
Rev X1
SF0096BA02394S ICST-SF0096BA02394S Datasheet
138Kb / 2P
96 MHz SAW Bandpass Filter 96 MHz SAW Bandpass Filter
logo
API Technologies Corp
SF0185BA02302S APITECH-SF0185BA02302S Datasheet
126Kb / 3P
185.76 MHz SAW Bandpass Filter 185.76 MHz SAW Bandpass Filter
logo
KR Electronics, Inc.
3178-110 KR-3178-110 Datasheet
101Kb / 3P
110 MHz Bandpass Filter
2892-SMA-MF KR-2892-SMA-MF Datasheet
75Kb / 3P
250 MHz Bandpass Filter
2924-SMA KR-2924-SMA Datasheet
99Kb / 3P
70 MHz Bandpass Filter
3259-200-SMA KR-3259-200-SMA Datasheet
142Kb / 3P
200 MHz Bandpass Filter
3277-SMA KR-3277-SMA Datasheet
100Kb / 3P
70 MHz Bandpass Filter
3299-SMA KR-3299-SMA Datasheet
85Kb / 3P
530 MHz Bandpass Filter
3306-3381-1629 KR-3306-3381-1629 Datasheet
73Kb / 3P
3381 MHz Bandpass Filter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com