Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

3114 Datasheet(PDF) 1 Page - KR Electronics, Inc.

Part # 3114
Description  43.75 MHz Bandpass Filter
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KR [KR Electronics, Inc.]
Direct Link  http://www.krfilters.com
Logo KR - KR Electronics, Inc.

3114 Datasheet(HTML) 1 Page - KR Electronics, Inc.

  3114 Datasheet HTML 1Page - KR Electronics, Inc. 3114 Datasheet HTML 2Page - KR Electronics, Inc. 3114 Datasheet HTML 3Page - KR Electronics, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1
© 2013, KR Electronics, Inc.
3114, Rev 0, July 25, 2013
KR Electronics, Inc.
KR Electronics part number 3114 is a 43.75 MHz bandpass fil-
ter. The filter has a typical 3 dB bandwidth of 7 MHz. Other cen-
ter frequencies and bandwidths are available. Please consult the
factory.
General Description
KR Electronics, Inc.
Features
 43.75 MHz Bandpass Filter
 7 MHz typical 3 dB Bandwidth
 50  Source and Load
 Surface Mount
 Also available with SMA Connectors
Typical Performance
www.krfilters.com
KR Electronics, Inc.
91 Avenel Street
Avenel, NJ 07001
www.krfilters.com
sales@krfilters.com
(732) 636-1900
(732) 636-1982
Web
Email
Phone
Fax
Overall Response
(10 dB/div)


Similar Part No. - 3114

ManufacturerPart #DatasheetDescription
logo
Lumberg
3114 LUMBERG-3114 Datasheet
77Kb / 2P
Minimodul??Steckverbinder, Raster 2,5 mm
3114 LUMBERG-3114 Datasheet
165Kb / 2P
Mini modul-Leergehause zur Aufnahme von Crimp - kontakten, fur indirektes Stecken
logo
List of Unclassifed Man...
3114 ETC2-3114 Datasheet
113Kb / 2P
FLAT WASHERS NYLON FIBRE
3114 ETC2-3114 Datasheet
158Kb / 3P
3/8 Square Drive Sockets, SAE
logo
Lumberg
3114 LUMBERG-3114 Datasheet
412Kb / 3P
Minimodul connectors, pitch 2.5 mm
More results

Similar Description - 3114

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TB0182A TAI-SAW-TB0182A Datasheet
305Kb / 6P
IF SAW Filter 43.75 MHz
logo
API Technologies Corp
SF0043BA02523T APITECH-SF0043BA02523T Datasheet
228Kb / 3P
43.75 MHz SAW Filter 6 MHz Bandwidth
logo
TAI-SAW TECHNOLOGY CO.,...
TB1021A TAI-SAW-TB1021A Datasheet
440Kb / 7P
IF SAW Filter 43.75 MHz
logo
Oscilent Corporation
835-IF43.75M-05A OSCILENT-835-IF43.75M-05A Datasheet
167Kb / 5P
43.75 MHz IF SAW Filter 5.33 MHz Bandwidth
835-IF43.75M-05B OSCILENT-835-IF43.75M-05B Datasheet
168Kb / 6P
43.75 MHz IF SAW Filter 5.48 MHz Bandwidth
816-IF43.75M-A OSCILENT-816-IF43.75M-A_14 Datasheet
118Kb / 4P
43.75 MHz IF SAW Filter 6.0 MHz Bandwidth
logo
KR Electronics, Inc.
3114-SMA KR-3114-SMA Datasheet
99Kb / 3P
43.75 MHz Bandpass Filter
logo
Transko Electronics, In...
TA43AB1 TRANSKO-TA43AB1 Datasheet
404Kb / 3P
43.75 MHz IF SAW Filter / 6.0 MHz Bandwidth
Revision 2: 10 Feb. 2009
TA04305AF TRANSKO-TA04305AF Datasheet
569Kb / 4P
43.75 MHz IF SAW Filter / 5.33 MHz Bandwidth
Revision 0: 17 March 2008
TA04305BF TRANSKO-TA04305BF Datasheet
647Kb / 4P
43.75 MHz IF SAW Filter / 5.48 MHz Bandwidth
Revision 0: 27 March 2008
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com