Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGP430UD2 Datasheet(PDF) 1 Page - International Rectifier

Part # IRGP430UD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=500V, @Vge=15V, Ic=15A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGP430UD2 Datasheet(HTML) 1 Page - International Rectifier

  IRGP430UD2 Datasheet HTML 1Page - International Rectifier IRGP430UD2 Datasheet HTML 2Page - International Rectifier IRGP430UD2 Datasheet HTML 3Page - International Rectifier IRGP430UD2 Datasheet HTML 4Page - International Rectifier IRGP430UD2 Datasheet HTML 5Page - International Rectifier IRGP430UD2 Datasheet HTML 6Page - International Rectifier IRGP430UD2 Datasheet HTML 7Page - International Rectifier IRGP430UD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
C-633
IRGP430UD2
INSULATED GATE BIPOLAR TRANSISTOR
WITH ULTRAFAST SOFT RECOVERY DIODE
Features
• Switching-loss rating includes all "tail" losses
• HEXFRED
TM soft ultrafast diodes
• Optimized for high operating frequency (over 5kHz)
See Fig. 1 for Current vs. Frequency curve
E
G
n-channel
C
VCES = 500V
VCE(sat) ≤ 3.0V
@VGE = 15V, IC = 15A
Parameter
Min.
Typ.
Max.
Units
RθJC
Junction-to-Case - IGBT
—
—
1.2
RθJC
Junction-to-Case - Diode
—
—
2.5
°C/W
RθCS
Case-to-Sink, flat, greased surface
—
0.24
—
RθJA
Junction-to-Ambient, typical socket mount
—
—
40
Wt
Weight
—
6 (0.21)
—
g (oz)
Thermal Resistance
Description
Co-packaged IGBTs are a natural extension of International Rectifier's well
known IGBT line. They provide the convenience of an IGBT and an ultrafast
recovery diode in one package, resulting in substantial benefits to a host of
high-voltage, high-current, motor control, UPS and power supply applications.
TO-247AC
UltraFast CoPack IGBT
PD - 9.1063
Parameter
Max.
Units
VCES
Collector-to-Emitter Voltage
500
V
IC @ TC = 25°C
Continuous Collector Current
25
IC @ TC = 100°C
Continuous Collector Current
15
ICM
Pulsed Collector Current
50
A
ILM
Clamped Inductive Load Current
50
IF @ TC = 100°C
Diode Continuous Forward Current
12
IFM
Diode Maximum Forward Current
50
VGE
Gate-to-Emitter Voltage
± 20
V
PD @ TC = 25°C
Maximum Power Dissipation
100
W
PD @ TC = 100°C
Maximum Power Dissipation
42
TJ
Operating Junction and
-55 to +150
TSTG
Storage Temperature Range
°C
Soldering Temperature, for 10 sec.
300 (0.063 in. (1.6mm) from case)
Mounting Torque, 6-32 or M3 Screw.
10 lbf•in (1.1 N•m)
Absolute Maximum Ratings
Revision 1
Next Data Sheet
Index
Previous Datasheet
To Order


Similar Part No. - IRGP430UD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGP430U IRF-IRGP430U Datasheet
256Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=15A)
IRGP430U IRF-IRGP430U Datasheet
98Kb / 35P
Fit Rate / Equivalent Device Hours
More results

Similar Description - IRGP430UD2

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRGB420UD2 IRF-IRGB420UD2 Datasheet
428Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=500V, @Vge=15V,Ic=7.5A)
IRGB430U IRF-IRGB430U Datasheet
253Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=15A)
IRGB430UD2 IRF-IRGB430UD2 Datasheet
425Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=500V, @Vge=15V, Ic=15A)
IRGBC20KD2 IRF-IRGBC20KD2 Datasheet
430Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=6.0A)
IRGBC30UD2 IRF-IRGBC30UD2 Datasheet
413Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRGP430U IRF-IRGP430U Datasheet
256Kb / 6P
INSULATED GATE BIPOLAR TRANSISTOR(Vces=500V, @Vge=15V, Ic=15A)
IRGP440UD2 IRF-IRGP440UD2 Datasheet
436Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=500V, @Vge=15V, Ic=22A)
IRGP450UD2 IRF-IRGP450UD2 Datasheet
85Kb / 2P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=500V, @Vge=15V, Ic=33A)
IRGPC30UD2 IRF-IRGPC30UD2 Datasheet
419Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=12A)
IRGPC40UD2 IRF-IRGPC40UD2 Datasheet
421Kb / 8P
INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY DIODE(Vces=600V, @Vge=15V, Ic=20A)
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com