Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPC20M Datasheet(PDF) 3 Page - International Rectifier

Part # IRGPC20M
Description  INSULATED GATE BIPOLAR TRANSISTOR(Vces=600V, @Vge=15V, Ic=8.0A)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC20M Datasheet(HTML) 3 Page - International Rectifier

  IRGPC20M Datasheet HTML 1Page - International Rectifier IRGPC20M Datasheet HTML 2Page - International Rectifier IRGPC20M Datasheet HTML 3Page - International Rectifier IRGPC20M Datasheet HTML 4Page - International Rectifier IRGPC20M Datasheet HTML 5Page - International Rectifier IRGPC20M Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
C-317
Fig. 1 - Typical Load Current vs. Frequency
(For square wave, I=I RMS of fundamental; for triangular wave, I=I PK)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
IRGPC20M
0
4
8
12
16
20
0.1
1
10
100
f, Frequency (kHz)
A
6 0 % o f ra te d
v o lta g e
Id ea l diod e s
S q u a re w a v e :
T ria n g u la r w a v e :
C la m p v o lta g e :
8 0 % o f ra te d
F o r b o th :
D u ty c y c le : 5 0 %
T
= 1 2 5 ° C
T
= 9 0 ° C
G a te d r ive a s s p e c ifie d
s in k
J
P o w e r D is s ip a tio n = 1 5 W
1
10
100
1
10
CE
V
, Collector-to-Emitter Voltage (V)
T = 150°C
T = 25°C
J
J
V
= 15V
20µs PULSE WIDTH
GE
A
1
10
100
5
10
15
20
GE
T = 25°C
T = 150°C
J
J
V
= 100V
5µs PULSE WIDTH
CC
V
, Gate-to-Emitter Voltage (V)
A
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com