Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

U05206N Datasheet(PDF) 1 Page - Tripp Lite. All Rights Reserved

Part # U05206N
Description  Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB A to USB A M-F, 6-in
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRIPPLITE [Tripp Lite. All Rights Reserved]
Direct Link  http://www.tripplite.com/
Logo TRIPPLITE - Tripp Lite. All Rights Reserved

U05206N Datasheet(HTML) 1 Page - Tripp Lite. All Rights Reserved

  U05206N Datasheet HTML 1Page - Tripp Lite. All Rights Reserved U05206N Datasheet HTML 2Page - Tripp Lite. All Rights Reserved  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Micro USB to USB OTG Host Adapter Cable, 5-Pin
Micro USB A to USB A M/F, 6-in.
MODEL NUMBER: U052-06N
Description
Tripp Lite U052-06N, USB OTG Adapter, is the perfect solution for expanding the capabilities of an OTG
enabled SmartPhone, Tablet, or other OTG devices, by directly connecting to USB peripherals, such as a USB
thumb drive or a USB keyboard and mouse. Add a USB hub to the adapter to create additional ports to connect
multiple USB devices. USB OTG technology makes this connection easy, and does not require drivers or
software...Plug-n-Play! Connect the adapter to the Micro-B port on an OTG enabled mobile device, and then
connect the USB device directly to the USB A port on the adapter for immediate use.
Features
Micro USB Male to standard USB "A" Female On-The-Go ( OTG ) adapter
Plug-n-Play...No Drivers or Software required
Connect one USB device, or add a multi-port hub for multiple USB device connections
6inch length allows for flexible access for attached peripherals
Specifications
OVERVIEW
Cable Type
USB
INPUT
Cable Length (ft.)
0.5
Cable Length (m)
0.15
Cable Length (in.)
6
Highlights
Connect Thumb Drives,
Keyboards, etc to OTG Tablets
and Phones
Plug-n-Play...No Software or
Drivers Required
Applications
Adds a Standard USB port to
your OTG enabled Tablet or
Smartphone
Adds multiple USB ports by
connecting a USB Hub to the
adapter
Add additional storage by
connecting a thumb drive to the
adapter
System Requirements
USB OTG enabled Tablet,
SmartPhone, or other OTG
mobile device
Package Includes
U052-06N USB OTG Adapter
1 / 2


Similar Part No. - U05206N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
U052-06N-OTG-AM TRIPPLITE-U052-06N-OTG-AM Datasheet
159Kb / 2P
USB 2.0 OTG Cable with 2-in-1 Connector - Combo A Male Micro-B Male to A Female, 6-in.
U052-06N-RA TRIPPLITE-U052-06N-RA Datasheet
170Kb / 3P
Micro USB to USB OTG Host Adapter Cable, Right-Angle 5-Pin USB Micro-B to USB-A (M/F), 6 in.
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
More results

Similar Description - U05206N

ManufacturerPart #DatasheetDescription
logo
Tripp Lite. All Rights ...
U209000R TRIPPLITE-U209000R Datasheet
524Kb / 2P
USB to Serial Adapter Cable (USB-A to DB9 M-M), 5-ft
U00510I TRIPPLITE-U00510I Datasheet
480Kb / 2P
USB A-A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in
U005-10I TRIPPLITE-U005-10I Datasheet
481Kb / 2P
USB A/A Extension Cable (USB-A Left-Angle M to USB-A F), 10-in.
logo
Rosenberger Hochfrequen...
L99-M0014-1000-A ROSENBERGER-L99-M0014-1000-A Datasheet
625Kb / 2P
USB 2.0 A MALE TO USB 2.0 MICRO-B ADAPTER
logo
Tripp Lite. All Rights ...
U052-06N TRIPPLITE-U052-06N Datasheet
155Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin Micro USB B to USB A M/F, 6-in.
U052-06N-RA TRIPPLITE-U052-06N-RA Datasheet
170Kb / 3P
Micro USB to USB OTG Host Adapter Cable, Right-Angle 5-Pin USB Micro-B to USB-A (M/F), 6 in.
U052-06N-WH TRIPPLITE-U052-06N-WH Datasheet
160Kb / 3P
Micro USB to USB OTG Host Adapter Cable, 5-Pin USB Micro-B to USB-A (M/F), White, 6 in.
U428-06N-F TRIPPLITE-U428-06N-F Datasheet
157Kb / 3P
USB 3.1 Gen 1 (5 Gbps) Adapter Cable, USB Type-C (USB-C) to USB Type-A M/F, 6-in. Length
U053-000-OTG TRIPPLITE-U053-000-OTG Datasheet
170Kb / 2P
2-in-1 OTG Adapter, USB 3.0 Micro B Male and USB 2.0 Micro B Male to USB A Female
logo
Pepperl+Fuchs Inc.
VAZ-SIMON-USB PF-VAZ-SIMON-USB Datasheet
117Kb / 1P
USB Type A to Micro-USB connector
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com