Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPC30FD2 Datasheet(PDF) 2 Page - International Rectifier

Part # IRGPC30FD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=17A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC30FD2 Datasheet(HTML) 2 Page - International Rectifier

  IRGPC30FD2 Datasheet HTML 1Page - International Rectifier IRGPC30FD2 Datasheet HTML 2Page - International Rectifier IRGPC30FD2 Datasheet HTML 3Page - International Rectifier IRGPC30FD2 Datasheet HTML 4Page - International Rectifier IRGPC30FD2 Datasheet HTML 5Page - International Rectifier IRGPC30FD2 Datasheet HTML 6Page - International Rectifier IRGPC30FD2 Datasheet HTML 7Page - International Rectifier IRGPC30FD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
C-110
Parameter
Min. Typ. Max. Units
Conditions
Qg
Total Gate Charge (turn-on)
27
30
IC = 17A
Qge
Gate - Emitter Charge (turn-on)
4.1
5.9
nC
VCC = 400V
Qgc
Gate - Collector Charge (turn-on)
12
15
See Fig. 8
td(on)
Turn-On Delay Time
72
TJ = 25°C
tr
Rise Time
75
ns
IC = 17A, VCC = 480V
td(off)
Turn-Off Delay Time
300
450
VGE = 15V, RG = 23Ω
tf
Fall Time
220
350
Energy losses include "tail" and
Eon
Turn-On Switching Loss
0.9
diode reverse recovery.
Eoff
Turn-Off Switching Loss
2.1
mJ
See Fig. 9, 10, 11, 18
Ets
Total Switching Loss
3.0
4.6
td(on)
Turn-On Delay Time
70
TJ = 150°C,
See Fig. 9, 10, 11, 18
tr
Rise Time
75
ns
IC = 17A, VCC = 480V
td(off)
Turn-Off Delay Time
420
VGE = 15V, RG = 23Ω
tf
Fall Time
480
Energy losses include "tail" and
Ets
Total Switching Loss
4.7
mJ
diode reverse recovery.
LE
Internal Emitter Inductance
13
nH
Measured 5mm from package
Cies
Input Capacitance
670
VGE = 0V
Coes
Output Capacitance
100
pF
VCC = 30V
See Fig. 7
Cres
Reverse Transfer Capacitance
10
ƒ = 1.0MHz
trr
Diode Reverse Recovery Time
42
60
ns
TJ = 25°C
See Fig.
80
120
TJ = 125°C
14
IF = 12A
Irr
Diode Peak Reverse Recovery Current
3.5
6.0
A
TJ = 25°C
See Fig.
5.6
10
TJ = 125°C
15
V R = 200V
Qrr
Diode Reverse Recovery Charge
80
180
nC
TJ = 25°C
See Fig.
220
600
TJ = 125°C
16
di/dt = 200A/µs
di(rec)M/dt
Diode Peak Rate of Fall of Recovery
180
A/µs
TJ = 25°C
See Fig.
During tb
120
TJ = 125°C
17
Parameter
Min. Typ. Max. Units
Conditions
V(BR)CES
Collector-to-Emitter Breakdown Voltage
600
V
VGE = 0V, IC = 250µA
∆V(BR)CES/∆TJ Temp. Coeff. of Breakdown Voltage
0.69
V/°C
VGE = 0V, IC = 1.0mA
VCE(on)
Collector-to-Emitter Saturation Voltage
1.8
2.1
IC = 17A
VGE = 15V
2.4
V
IC = 31A
See Fig. 2, 5
2.2
IC = 17A, TJ = 150°C
VGE(th)
Gate Threshold Voltage
3.0
5.5
VCE = VGE, IC = 250µA
∆VGE(th)/∆TJ Temp. Coeff. of Threshold Voltage
-11
mV/°C VCE = VGE, IC = 250µA
gfe
Forward Transconductance
6.1
10
S
VCE = 100V, IC = 17A
ICES
Zero Gate Voltage Collector Current
250
µA
VGE = 0V, VCE = 600V
2500
VGE = 0V, VCE = 600V, TJ = 150°C
VFM
Diode Forward Voltage Drop
1.4
1.7
V
IC = 12A
See Fig. 13
1.3
1.6
IC = 12A, TJ = 150°C
IGES
Gate-to-Emitter Leakage Current
±100
nA
VGE = ±20V
IRGPC30FD2
Pulse width
≤ 80µs; duty factor ≤ 0.1%.
VCC=80%(VCES), VGE=20V, L=10µH,
RG= 23Ω, ( See fig. 19 )
Pulse width 5.0µs,
single shot.
Switching Characteristics @ TJ = 25°C (unless otherwise specified)
Electrical Characteristics @ TJ = 25°C (unless otherwise specified)
Repetitive rating; VGE=20V, pulse width
limited by max. junction temperature.
( See fig. 20 )
Notes:
Next Data Sheet
Index
Previous Datasheet
To Order



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com