Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IRGPC30MD2 Datasheet(PDF) 3 Page - International Rectifier

Part # IRGPC30MD2
Description  INSULATED GATE BIPOLAR TRANSISTOR WITH ULTRAFAST SOFT RECOVERY(Vces=600V, @Vge=15V, Ic=16A)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRGPC30MD2 Datasheet(HTML) 3 Page - International Rectifier

  IRGPC30MD2 Datasheet HTML 1Page - International Rectifier IRGPC30MD2 Datasheet HTML 2Page - International Rectifier IRGPC30MD2 Datasheet HTML 3Page - International Rectifier IRGPC30MD2 Datasheet HTML 4Page - International Rectifier IRGPC30MD2 Datasheet HTML 5Page - International Rectifier IRGPC30MD2 Datasheet HTML 6Page - International Rectifier IRGPC30MD2 Datasheet HTML 7Page - International Rectifier IRGPC30MD2 Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
C-391
Fig. 1 - Typical Load Current vs. Frequency
(Load Current = I RMS of fundamental)
Fig. 2 - Typical Output Characteristics
Fig. 3 - Typical Transfer Characteristics
IRGPC30MD2
0
4
8
12
16
0.1
1
10
100
f, Frequency (kHz)
A
6 0 % o f ra te d
vo lta g e
D u ty c y cle : 5 0 %
T
= 1 2 5 °C
T
= 9 0 ° C
G a te d rive a s sp e c if ie d
T u rn -o n lo s s e s in c lu d e
e ffe cts o f re v e rse re c o v e ry
sin k
J
P o w e r D is s ip a tio n = 2 1 W
0.1
1
10
100
0.1
1
10
CE
V
, Collector-to-Emitter Voltage (V)
T = 150°C
T = 25°C
J
J
V
= 15V
20µs PULSE WIDTH
GE
A
1
10
100
5
10
15
20
GE
T = 25°C
T = 150°C
J
J
V
= 100V
5µs PULSE WIDTH
CC
V
, Gate-to-Emitter Voltage (V)
A
To Order
Next Data Sheet
Index
Previous Datasheet



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com